Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339-MIL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM339-MIL
Description  Low-Power Low-Offset Voltage Quad Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339-MIL Datasheet(HTML) 4 Page - Texas Instruments

  LM339-MIL Datasheet HTML 1Page - Texas Instruments LM339-MIL Datasheet HTML 2Page - Texas Instruments LM339-MIL Datasheet HTML 3Page - Texas Instruments LM339-MIL Datasheet HTML 4Page - Texas Instruments LM339-MIL Datasheet HTML 5Page - Texas Instruments LM339-MIL Datasheet HTML 6Page - Texas Instruments LM339-MIL Datasheet HTML 7Page - Texas Instruments LM339-MIL Datasheet HTML 8Page - Texas Instruments LM339-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
LM339-MIL
SNOSD54 – JUNE 2017
www.ti.com
Product Folder Links: LM339-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Refer to RETS139X for military specifications.
(3)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3 VDC (or 0.3 VDC below
the magnitude of the negative power supply, if used) (at 25°C).
(4)
This input current will only exist when the voltage at any of the input leads is driven negative. It is because of the collector-base junction
of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go
to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive
and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3 VDC (at
25°C).
(5)
For operating at high temperatures, the device must be derated based on a 125°C maximum junction temperature and a thermal
resistance of 95°C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The low bias
dissipation and the ON-OFF characteristic of the outputs keeps the chip dissipation very small (PD ≤ 100 mW), provided the output
transistors are allowed to saturate.
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 20 mA independent of the magnitude of V+.
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
Supply voltage, V+
36
VDC
Differential input voltage(3)
36
Input voltage
–0.3
36
Input current (VIN ≤ 0.3 VDC)
(4)
50
mA
Power dissipation(5)
PDIP
1050
mW
Cavity DIP
1190
SOIC package
760
Output short-circuit to GND(6)
Continuous
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±600
V


Similar Part No. - LM339-MIL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM339-D14-T UTC-LM339-D14-T Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
LM339-D14-T UTC-LM339-D14-T Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM339-N TI1-LM339-N Datasheet
1Mb / 31P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM339-N TI1-LM339-N Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
logo
Unisonic Technologies
LM339-P14-R UTC-LM339-P14-R Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
More results

Similar Description - LM339-MIL

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
   Low power quad voltage comparator
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
   Low power quad voltage comparator
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
logo
BCD Semiconductor Manuf...
AZ339 BCDSEMI-AZ339_06 Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339 BCDSEMI-AS339 Datasheet
169Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com