Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5032 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV5032
Description  Ultra-Low-Power Digital-Switch Hall Effect Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 5 Page - Texas Instruments

  DRV5032_17 Datasheet HTML 1Page - Texas Instruments DRV5032_17 Datasheet HTML 2Page - Texas Instruments DRV5032_17 Datasheet HTML 3Page - Texas Instruments DRV5032_17 Datasheet HTML 4Page - Texas Instruments DRV5032_17 Datasheet HTML 5Page - Texas Instruments DRV5032_17 Datasheet HTML 6Page - Texas Instruments DRV5032_17 Datasheet HTML 7Page - Texas Instruments DRV5032_17 Datasheet HTML 8Page - Texas Instruments DRV5032_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
DRV5032
www.ti.com
SLVSDC7A – APRIL 2017 – REVISED MAY 2017
Product Folder Links: DRV5032
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply voltage
VCC
–0.3
5.5
V
Power supply voltage slew rate
VCC
Unlimited
V / µs
Output voltage
OUT, OUT1, OUT2
–0.3
VCC + 0.3
V
Output current
OUT, OUT1, OUT2
–5
5
mA
Magnetic flux density, BMAX
Unlimited
T
Junction temperature, TJ
105
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±6000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Power supply voltage
1.65
5.5
V
VO
Output voltage
0
5.5
V
IO
Output current
–5
5
mA
TA
Operating ambient temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
DRV5032
UNIT
SOT-23 (DBZ)
X2SON (DMR)
3 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
356
159
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
128
77
°C/W
RθJB
Junction-to-board thermal resistance
94
102
°C/W
ψJT
Junction-to-top characterization parameter
11.4
0.9
°C/W
ψJB
Junction-to-board characterization parameter
92
100
°C/W


Similar Part No. - DRV5032_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032AJ TI-DRV5032AJ Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032AJDBZR TI1-DRV5032AJDBZR Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032AJDBZR TI1-DRV5032AJDBZR Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032AJDBZR TI1-DRV5032AJDBZR Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032AJDBZR TI-DRV5032AJDBZR Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5032_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
logo
Texas Instruments
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
logo
Texas Instruments
DRV5021 TI1-DRV5021 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Unipolar, Digital-Switch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com