Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3220MOD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MOD
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MOD Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC3220MOD Datasheet HTML 6Page - Texas Instruments CC3220MOD Datasheet HTML 7Page - Texas Instruments CC3220MOD Datasheet HTML 8Page - Texas Instruments CC3220MOD Datasheet HTML 9Page - Texas Instruments CC3220MOD Datasheet HTML 10Page - Texas Instruments CC3220MOD Datasheet HTML 11Page - Texas Instruments CC3220MOD Datasheet HTML 12Page - Texas Instruments CC3220MOD Datasheet HTML 13Page - Texas Instruments CC3220MOD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Copyright © 2017, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
10
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
3
Device Comparison
Table 3-1 shows the features supported across different CC3x20 modules.
Table 3-1. Device Features Comparison
FEATURE
DEVICE
CC3120MOD
CC3220MODS
CC3220MODSF
CC3220MODAS
CC3220MODASF
On-board chip
CC3120
CC3220S
CC3220SF
CC3220S
CC3220SF
On-board ANT
No
No
No
Yes
Yes
sFlash
32-Mbit
32-Mbit
32-Mbit
32-Mbit
32-Mbit
Regulatory certifications
FCC, IC, CE, MIC, SRRC
FCC, IC, CE, MIC, SRRC
FCC, IC, CE, MIC, SRRC
FCC, IC, CE, MIC, SRRC
FCC, IC, CE, MIC, SRRC
Wi-Fi Alliance Certification
Yes
Yes
Yes
Yes
Yes
Input voltage
2.3 V to 3.6 V
2.3 V to 3.6 V
2.3 V to 3.6 V
2.3 V to 3.6 V
2.3 V to 3.6 V
Package
17.5 mm × 20.5 mm QFM
17.5 mm × 20.5 mm QFM
17.5 mm × 20.5 mm QFM
25.0 mm × 20.5 mm QFM
25.0 mm × 20.5 mm QFM
Operating temperature range
–40°C to +85°C
–40°C to +85°C
–40°C to +85°C
–40°C to +85°C
–40°C to +85°C
Classification
Wi-Fi Network Processor
Wireless Microcontroller
Wireless Microcontroller
Wireless Microcontroller
Wireless Microcontroller
Standard
802.11 b/g/n
802.11 b/g/n
802.11 b/g/n
802.11 b/g/n
802.11 b/g/n
Frequency
2.4 GHz
2.4 GHz
2.4 GHz
2.4 GHz
2.4 GHz
TCP/IP Stack
IPv4, IPv6
IPv4, IPv6
IPv4, IPv6
IPv4, IPv6
IPv4, IPv6
Sockets
16
16
16
16
16
Integrated MCU
ARM Cortex-M4 at 80 MHz
ARM Cortex-M4 at 80 MHz
ARM Cortex-M4 at 80 MHz
ARM Cortex-M4 at 80 MHz
ON-CHIP APPLICATION MEMORY
RAM
256KB
256KB
256KB
256KB
Flash
1MB
1MB
PERIPHERALS AND INTERFACES
Universal Asynchronous
Receiver/Transmitter (UART)
1
2
2
2
2
Serial Port Interface (SPI)
1
1
1
1
1
Multichannel Audio Serial Port
(McASP)- I2S or PCM
2-ch
2-ch
2-ch
2-ch
Inter-Integrated Circuit (I2C)
1
1
1
1
Analog-to-digital converter (ADC)
4-ch, 12-bit
4-ch, 12-bit
4-ch, 12-bit
4-ch, 12-bit
Parallel interface (8-bit PI)
1
1
1
1
General-purpose timers
4
4
4
4
Multimedia card (MMC / SD)
1
1
1
1


Similar Part No. - CC3220MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MOD TI1-CC3220MOD Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MODSF12MOBR TI1-CC3220MODSF12MOBR Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MODSF12MOBR/T TI1-CC3220MODSF12MOBR/T Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MODSM2MOBR TI1-CC3220MODSM2MOBR Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
More results

Similar Description - CC3220MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3220MOD TI1-CC3220MOD_17 Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3235MODS TI1-CC3235MODS Datasheet
1Mb / 98P
[Old version datasheet]   SimpleLinkTM Wi-Fi CERTIFIED Dual-Band Wireless MCU Module
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com