Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3220MOD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MOD
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MOD Datasheet(HTML) 4 Page - Texas Instruments

  CC3220MOD Datasheet HTML 1Page - Texas Instruments CC3220MOD Datasheet HTML 2Page - Texas Instruments CC3220MOD Datasheet HTML 3Page - Texas Instruments CC3220MOD Datasheet HTML 4Page - Texas Instruments CC3220MOD Datasheet HTML 5Page - Texas Instruments CC3220MOD Datasheet HTML 6Page - Texas Instruments CC3220MOD Datasheet HTML 7Page - Texas Instruments CC3220MOD Datasheet HTML 8Page - Texas Instruments CC3220MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
CC3x20
WRF
F
BGN
RF_ANT1
User GPIOs
32-Mbit
SFlash
External SPI
Programming
40 MHz
32.768 kHz
UART
SPI
nReset
PM
2.3 V to 3.6 V
VBAT
Copyright © 2017, Texas Instruments Incorporated
4
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Module Overview
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information, see Section 10.
The CC3220MODx and CC3220MODAx devices are a part of the SimpleLink MCU platform, which
consists of Wi-Fi, Bluetooth® low energy, Sub-1 GHz, and host MCUs. All share a common, easy-to-use
development environment with a single core software development kit (SDK) and rich tool set. A one-time
integration of the SimpleLink platform lets you add any combination of devices from the portfolio into your
design. The ultimate goal of the SimpleLink platform is to achieve 100 percent code reuse when your
design requirements change.
The CC3220MODx and CC3220MODAx module family is a complete platform solution including software,
sample applications, tools, user and programming guides, reference designs, and the E2E™ online
community. The module family is also part of the SimpleLink MCU portfolio and supports the SimpleLink
developers ecosystem. For more information, visit www.ti.com/simplelink.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC3220MODSM2MOBR
QFM (63)
20.50 mm × 17.50 mm
CC3220MODSF12MOBR
QFM (63)
20.50 mm × 17.50 mm
CC3220MODASM2MONR
QFM (63)
25.50 mm × 20.50 mm
CC3220MODASF12MONR
QFM (63)
25.50 mm × 20.50 mm
1.4
Functional Block Diagrams
Figure 1-1 shows the functional block diagram of the CC3220MODx module.
Figure 1-1. CC3220MODx Functional Block Diagram


Similar Part No. - CC3220MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MOD TI1-CC3220MOD Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MODSF12MOBR TI1-CC3220MODSF12MOBR Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MODSF12MOBR/T TI1-CC3220MODSF12MOBR/T Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MODSM2MOBR TI1-CC3220MODSM2MOBR Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
More results

Similar Description - CC3220MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3220MOD TI1-CC3220MOD_17 Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3235MODS TI1-CC3235MODS Datasheet
1Mb / 98P
[Old version datasheet]   SimpleLinkTM Wi-Fi CERTIFIED Dual-Band Wireless MCU Module
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com