Electronic Components Datasheet Search |
|
CE3420-16-2 Datasheet(PDF) 8 Page - DDK Ltd. |
|
CE3420-16-2 Datasheet(HTML) 8 Page - DDK Ltd. |
8 / 10 page Unit:mm http://www.ddknet.co.jp CE05 Series 8 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○Waterproof Straight Backshell P/N : CE05-18BS-S-D ① ② ③ ④ ⑤ ① Shell Size 10SL, 14S, 18, 20, 22, 24 and 32 ② Model B:Backshell ③ Style S : Straight ④ Waterproof S : Waterproof ⑤ Finish D:Black Trivalent Chromium Treatment D 7.85 Min. CE05−××BS−S−× K-509366 CE05-18BS-S-B 品 名 シリ−ズ名 シェルサイズ 防水性 S:防水 形状 S:ストレ−ト 型式 B:バックシェル (防水ストレ−トハ゛ックシェル) 外殻色相 B:黒色 C:ニッケル V E Screw B L W O Ring (SUS/One Spot) (Gripping Surfaces for Wrench) (Complete Thread Length) Shell Size Part Number L A B C D E V W 10SL CE05-10SLBS-S-D 20.0 18.6 6.5 6.6 17.9 M2 9/16-24UNEF-2B 5/8-24UNEF-2A 14S CE05-14SBS-S-D 24.4 25.2 7.3 10.0 22.0 M2 3/4-20UNEF-2B 3/4-20UNEF-2A 18 CE05-18BS-S-D 31.0 32.1 10.5 16.3 26.7 M3 1-20UNEF-2B 1-20UNEF-2A 20 CE05-20BS-S-D 35.0 35.2 10.9 17.8 31.6 M3 1 1/8-18UNEF-2B 1 3/16-18UNEF-2A 22 CE05-22BS-S-D 35.0 38.2 10.9 17.8 32.4 M4 1 1/4-18UNEF-2B 1 3/16-18UNEF-2A 24 CE05-24BS-S-D 40.5 42.0 12.2 21.0 36.6 M4 1 3/8-18UNEF-2B 1 7/16-18UNEF-2A 32 CE05-32BS-S-D 46.0 54.2 11.7 25.8 47.3 M4 1 7/8-16UN-2B 1 3/4-18UNS-2A MATERIAL/FINISH Aluminum Alloy / Black Trivalent Chromium Treatment ○Waterproof Angle Backshell P/N : CE-18BA-S-D ① ② ③ ④ ⑤ ① Shell Size 10SL, 18, 20, 22, 24 and 32 ② Model B:Backshell ③ Style A : Angle ④ Waterproof S : Waterproof ⑤ Finish D:Black Trivalent Chromium Treatment V ねじ W ねじ 品名 図番 D K-511755 CE-XXBA-S-D CE-18BA-S-D シリーズ名 シェルサイズ 型式 B:バックシェル 形状 A:アングル 防水性 S:防水タイプ 外殻色相 D:三価クロメート(黒) L1 以下 L2 以下 Oリング V W L1 Max. L2 Max. O Ring D±0.2 (Gripping Surfaces for Wrench) Shell Size Part Number L1 L2 C D R U (S) V W Y Set Screw 10SL CE-10SLBA-S-D 30.6 22.5 21.7 20.3 7.9 21.0 (28.9) 9/16-24UNEF-2B 5/8-24UNEF-2A 7.5 M2 18 CE-18BA-S-D 44.6 34.0 32.4 30.0 13.2 30.2 (43.4) 1-20UNEF-2B 1-20UNEF-2A 7.5 M3 20 CE-20BA-S-D 50.5 39.6 36.0 33.6 15.0 33.3 (48.3) 1 1/8-18UNEF-2B 1 3/16-18UNEF-2A 7.5 M3 22 CE-22BA-S-D 50.5 39.6 38.6 36.2 16.3 33.3 (49.6) 1 1/4-18UNEF-2B 1 3/16-18UNEF-2A 7.5 M4 24 CE-24BA-S-D 60.1 47.9 42.4 40.0 18.2 36.5 (54.7) 1 3/8-18UNEF-2B 1 7/16-18UNEF-2A 7.5 M4 28 CE-28BA-S-D 60.9 47.9 49.5 46.4 21.3 36.5 (57.8) 1 5/8-18UNEF-2B 1 7/16-18UNEF-2A 7.5 M4 32 CE-32BA-S-D 69.1 55.1 55.3 52.8 24.6 44.5 (69.1) 1 7/8-16UN-2B 1 3/4-18UNEF-2A 8.5 M4 MATERIAL/FINISH Aluminum Alloy / Black Trivalent Chromium Treatment |
Similar Part No. - CE3420-16-2 |
|
Similar Description - CE3420-16-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |