Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS114S08BIPBS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS114S08BIPBS
Description  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S08BIPBS Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS114S08BIPBS Datasheet HTML 3Page - Texas Instruments ADS114S08BIPBS Datasheet HTML 4Page - Texas Instruments ADS114S08BIPBS Datasheet HTML 5Page - Texas Instruments ADS114S08BIPBS Datasheet HTML 6Page - Texas Instruments ADS114S08BIPBS Datasheet HTML 7Page - Texas Instruments ADS114S08BIPBS Datasheet HTML 8Page - Texas Instruments ADS114S08BIPBS Datasheet HTML 9Page - Texas Instruments ADS114S08BIPBS Datasheet HTML 10Page - Texas Instruments ADS114S08BIPBS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
7
ADS114S06B, ADS114S08B
www.ti.com
SBAS852 – AUGUST 2017
Product Folder Links: ADS114S06B ADS114S08B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Excluding error of voltage reference.
(2)
See the 50-Hz and 60-Hz Line Cycle Rejection section for more information.
7.5 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C; typical specifications are at TA = 25°C;
all specifications are at AVDD = 2.7 V to 5.25 V, AVSS = 0 V, DVDD = IOVDD = 3.3 V, all gains, internal reference, internal
oscillator, and all data rates (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Absolute input current
PGA bypassed,
AVSS + 0.1 V
≤ V(AINx) ≤ AVDD – 0.1 V
±0.5
nA
PGA enabled, gain 1 to 128,
V(AINx)MIN ≤ V(AINx) ≤ V(AINx)MAX
–10
±0.1
10
Differential input current
PGA bypassed,
VCM = AVDD / 2, –VREF ≤ VIN ≤ VREF
±1
nA/V
PGA enabled, gain 1 to 128,
VCM = AVDD / 2, –VREF / Gain ≤ VIN ≤ VREF / Gain
±0.02
nA
PGA
Gain settings
1, 2, 4, 8, 16,
32, 64, 128
Startup time
Enabling the PGA in conversion mode
190
µs
SYSTEM PERFORMANCE
Resolution (no missing codes)
16
Bits
DR
Data rate
2.5, 5, 10, 16.6,
20, 50, 60, 100,
200, 400, 800,
1000, 2000, 4000
SPS
INL
Integral nonlinearity (best fit)
PGA bypassed, VCM = AVDD / 2
1
ppmFSR
PGA enabled, gain = 1 to 128, VCM = AVDD / 2
2
25
VIO
Input offset voltage
PGA bypassed
20
µV
PGA enabled, gain = 1 to 8
20 / Gain
PGA enabled, gain = 16 to 128
2
PGA bypassed, after internal offset calibration
On the order of noisePP at the
set DR and gain
PGA enabled, gain = 1 to 128, after internal offset
calibration
On the order of noisePP at the
set DR and gain
Offset drift
PGA bypassed
10
nV/°C
PGA enabled, gain = 1 to 128
15
Gain error(1)
TA = 25°C, PGA bypassed
0.01%
0.1%
TA = 25°C, PGA enabled, gain = 1 to 128
0.025%
0.2%
Gain drift(1)
PGA bypassed
0.5
ppm/°C
PGA enabled, gain = 1 to 128
1
Noise (input-referred)
See the Noise Performance section
NMRR
Normal-mode rejection ratio(2)
fIN = 50 Hz or 60 Hz (±1 Hz), DR = 20 SPS
75
95
dB
fIN = 50 Hz or 60 Hz (±1 Hz), DR = 20 SPS,
external fCLK = 4.096 MHz
95
CMRR
Common-mode rejection ratio
At dc
120
dB
fCM = 50 Hz or 60 Hz (±1 Hz),
DR = 2.5 SPS, 5 SPS, 10 SPS, 20 SPS
125
PSRR
Power-supply rejection ratio
AVDD at dc
105
dB
AVDD at 50 Hz or 60 Hz
115
DVDD at dc
115


Similar Part No. - ADS114S08BIPBS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S08 TI1-ADS114S08 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S08IPBS TI1-ADS114S08IPBS Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S08IPBSR TI1-ADS114S08IPBSR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S08IRHBR TI1-ADS114S08IRHBR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S08IRHBT TI1-ADS114S08IRHBT Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
More results

Similar Description - ADS114S08BIPBS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com