Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE3057-12A-3-D Datasheet(PDF) 9 Page - DDK Ltd.

Part # CE3057-12A-3-D
Description  Waterproof Circular Connectors Conforming to European Safety Standards
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE3057-12A-3-D Datasheet(HTML) 9 Page - DDK Ltd.

Back Button CE3057-12A-3-D Datasheet HTML 2Page - DDK Ltd. CE3057-12A-3-D Datasheet HTML 3Page - DDK Ltd. CE3057-12A-3-D Datasheet HTML 4Page - DDK Ltd. CE3057-12A-3-D Datasheet HTML 5Page - DDK Ltd. CE3057-12A-3-D Datasheet HTML 6Page - DDK Ltd. CE3057-12A-3-D Datasheet HTML 7Page - DDK Ltd. CE3057-12A-3-D Datasheet HTML 8Page - DDK Ltd. CE3057-12A-3-D Datasheet HTML 9Page - DDK Ltd. CE3057-12A-3-D Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE05 Series
9
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○Waterproof Cable Clamp
P/N : CE3057-10A-1-D
② ③
① Clamp Size
4A, 10A, 12A, 16A and 20A
② Bushing Size
Rubber Bushing (Refer to the applicable cable size)
③ Finish
D:Black Trivalent Chromium Treatment
(D)
C
1.5
±0.7
φE
V Thread
A3
(Outer Dimension of Bushing)
Part Number
Applicable
Shell Size
A
B
C
(D)
E
F
G
V
Bushing P/N
Applicable Cable
Size
CE3057-4A-1-D
10SL,12S
20.62
20.6
10.31 (41.3) 8.0
5.6
22.2
5/8-24UNEF-2B
CE3420-4-1
φ 3.6 ~φ 5.6
CE3057-6A-1-D
14S
22.20
24.6
10.31 (41.3) 10.8
9.0
27.0
3/4-20UNEF-2B
CE3420-6-1
φ 7.0 ~φ 9.0
CE3057-8A-1-D
16S,16
23.83
27.8
10.31 (41.3) 14.0
12
29.4
7/8-20UNEF-2B
CE3420-8-1
φ 10.0 ~φ 12.0
CE3057-8A-2-D
10.5
CE3420-8-2
φ 8.5 ~ 10.5
CE3057-10A-1-D
18
23.83
30.1
10.31 (41.3) 15.8
14.1
31.7
1-20UNEF-2B
CE3420-10-1 φ 10.5 ~φ 14.1
CE3057-10A-2-D
11
CE3420-10-2 φ 8.5 ~φ 11.0
CE3057-10A-3-D
8.7
CE3420-10-3 φ 6.5 ~φ 8.7
CE3057-12A-1-D
20
22
23.83
35
10.31 (41.3) 19.0
16
37.3
1 3/16-18UNEF2B
CE3420-12-1 φ 12.5 ~φ 16.0
CE3057-12A-2-D
13
CE3420-12-2 φ 9.5 ~φ 13.0
CE3057-12A-3-D
10
CE3420-12-3 φ 6.8 ~φ 10.0
CE3057-12A-7-D
17
CE3420-12-7 φ 14.5 ~φ 17.0
CE3057-16A-1-D
24
28
26.19
42.1
10.31 (41.3) 23.8
19.1
42.9
1 7/16-18UNEF-2B
CE3420-16-1 φ 15.0 ~φ 19.1
CE3057-16A-2-D
15.5
CE3420-16-2 φ 13.0 ~φ 15.5
CE3057-16A-4-D
21.5
CZY005-GB-3 φ 19.1 ~φ 21.5
CE3057-16A-6-D
20
CE3420-16-6 φ 18.5 ~φ 20.0
CE3057-16A-7-D
13.5
CE3420-16-7 φ 11.5 ~φ 13.5
CE3057-16A-8-D
12.5
CZY005-GB-6 φ 10.5 ~φ 12.5
CE3057-20A-1-D
32
27.79
51.6
11.91 (43.0) 32.0
23.8
51.6
1 3/4-18UNS-2B
CE3420-20-1 φ 22.0 ~φ 23.8
CE3057-20A-2-D
26.6
CE3420-20-2 φ 24.0 ~φ 26.6
CE3057-20A-3-D
22.5
CZY005-GB-5 φ 21.0 ~φ 22.5
CE3057- □□ A- □ -D is a waterproof cable clamp for use with a plug. The cable clamp has a waterproof rubber bushing. So
make sure to use a cabtyre cable meeting one of the applicable cable size ranges as shown below. The cable clamp should be
used together with a waterproof backshell.
MATERIAL
Material
Finish
Cable Clamp Body and Metal Fastener
Aluminum Alloy
Black Trivalent Chromium Treatment
Bushing
Synthetic Rubber
Black
MATERIAL/FINISH


Similar Part No. - CE3057-12A-3-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE3057-12A-3-D DDK-CE3057-12A-3-D Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE3057-12A-3-D DDK-CE3057-12A-3-D Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE3057-12A-3-D DDK-CE3057-12A-3-D Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE3057-12A-3-D DDK-CE3057-12A-3-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE3057-12A-3-D DDK-CE3057-12A-3-D Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
More results

Similar Description - CE3057-12A-3-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com