Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE3057-6A-1-D Datasheet(PDF) 4 Page - DDK Ltd.

Part # CE3057-6A-1-D
Description  Waterproof Circular Connectors Conforming to European Safety Standards
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE3057-6A-1-D Datasheet(HTML) 4 Page - DDK Ltd.

  CE3057-6A-1-D Datasheet HTML 1Page - DDK Ltd. CE3057-6A-1-D Datasheet HTML 2Page - DDK Ltd. CE3057-6A-1-D Datasheet HTML 3Page - DDK Ltd. CE3057-6A-1-D Datasheet HTML 4Page - DDK Ltd. CE3057-6A-1-D Datasheet HTML 5Page - DDK Ltd. CE3057-6A-1-D Datasheet HTML 6Page - DDK Ltd. CE3057-6A-1-D Datasheet HTML 7Page - DDK Ltd. CE3057-6A-1-D Datasheet HTML 8Page - DDK Ltd. CE3057-6A-1-D Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
http://www.ddknet.co.jp
CE05 Series
4
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○Alternate Insert Position
○Configuration
● Plug Type
Waterproof on Mated
Box Mount Receptacle
 CE05-2A Individual
Waterproof
■ Intermateable with D/MS series
● Straight Plug Type
 CE05-6A-D-BSS
Waterproof on Mated
● Angle Type 
CE05-8A-D-BAS
Waterproof on Mated
Waterproof Cable Clamp
 CE3057- □□ A
● Conduit
To avoid cross-mating problems in applications requiring
the use of more than one connector of the same size and
insert arrangement, alternate insert positions are available as
indicated or as shown in the diagram below.
☆ The safety standard, VDE, is applied only to the equipment which uses more than 60V DC. It is not applied to the insert
arrangements of 20-29 or 22-14 which are used for signal transmission.
In the case of using 20-29 and 22-14 CE02 series and D/MS series are available.
Front View of Pin Insert
(Rear View of Socket Insert)
K.Ishii
J.Hiratsuka
NOV.7.2005
NOV.7.2005
DDK Ltd.
REQD ITEM
A3
4
5
DRAWING No.
PART NAME
MATERIAL
FINISH
REV.
TITLE
DRAWING No.
DIMENSION
ANGLE
PROJECTION
DESIGNED
DRAWNBY
APPROVED
CHECKED
A
    (STRAIGHT PLUG)
D/MS3106A12S-×××(D190)
K-511726(2/2)
mm
CONTACT SIZES
※ FRONT VIEW OF PIN INSERT
INSERT No.
2-#16
215
12S-3
12S-3
CL
145
70
290
#16
#12
#8
#4
#0
No.OF CONTACT
INSERT No.
SERV.
Insert No. Number of
Contact
Alternate Insert Position
W
X
Y
Z
10SL-3
3
14S-2
4
120°
240°
18-10
4
120°
240°
18-12
6
80°
280°
20-4
4
45°
110°
250°
20-15
7
80°
280°
20-18
9
22-22
4
110°
250°
22-23
8
35°
24-10
7
80°
280°
24-11
9
32-17
4
45°
110°
250°
Conduit Manufactures
・Nipolex
http://www.nipolex.co.jp/
・DAIWA DENGYO http://www.daiwadengyo.co.jp/index.html
・NEOFLEX
http://www.neoflex.co.jp/
・SANKEI
http://www.sankei-ss.co.jp/aisatu.html


Similar Part No. - CE3057-6A-1-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE3057-6A-1-D DDK-CE3057-6A-1-D Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE3057-6A-1-D DDK-CE3057-6A-1-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results

Similar Description - CE3057-6A-1-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com