Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT32807HE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT32807HE
Description  3.3V 1:10 CMOS Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT32807HE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT32807HE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT32807HE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT32807HE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT32807HE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT32807HE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT32807HE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PI49FCT32807
3.3V 1:10 CMOS Clock Driver
4
PS8496A
09/08/04
Tests Circuits for All Outputs
Switching Waveforms
Propagation Delay
Package Skew – tSK(t)
Pulse Skew – tSK(p)
Output Skew – tSK(o)
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
2.0V
0.5V
tR
tF
Input
tPLHx
3V
1.5V
0V
Ox
VOH
1.5V
VOL
tPHLx
tSK(o)
Oy
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
tSK(o) =  tPLHy – tPLHx  or  tPHLy – tPHLx
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
tSK(p) =  tPHL – tPLH
Input
tPLH1
3V
1.5V
0V
Package 1
Output
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Output
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
tSK(t) =  tPLH2 – tPLH1  or  tPHL2 – tPHL1
Pulse
Generator
f = 125MHz
D.U.T.
50
CL
15pF
VCC


Similar Part No. - PI49FCT32807HE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32802 PERICOM-PI49FCT32802 Datasheet
386Kb / 6P
   1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802L PERICOM-PI49FCT32802L Datasheet
386Kb / 6P
   1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802LE PERICOM-PI49FCT32802LE Datasheet
386Kb / 6P
   1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802LE PERICOM-PI49FCT32802LE Datasheet
410Kb / 6P
   1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802Q PERICOM-PI49FCT32802Q Datasheet
386Kb / 6P
   1:5/1:7 3.3V CMOS Clock Drivers
More results

Similar Description - PI49FCT32807HE

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D_09 Datasheet
63Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807_14 Datasheet
109Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT3807D RENESAS-IDT74FCT3807D Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
logo
Potato Semiconductor Co...
PO49FCT3807B POTATO-PO49FCT3807B Datasheet
637Kb / 7P
   3.3V Dual 1:10 CMOS Clock Buffered Driver
PO74G38074A POTATO-PO74G38074A Datasheet
478Kb / 5P
   3.3V 1:4 CMOS Clock Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com