Electronic Components Datasheet Search |
|
CE05-2A22-22SD-D Datasheet(PDF) 1 Page - DDK Ltd. |
|
CE05-2A22-22SD-D Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 10 page http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. The industrial machinery including the machine tools which is exported to Europe has to conform with European safety standards since January, 1995. The CE05 series connectors, which offer full compatibility with MIL-C-5015, D/MS and CE02 series connectors, were developed to comply with this demand. CE05 Series Waterproof Circular Connectors Conforming to European Safety Standards 170731 Waterproof IP 67 Safety Standard TÜV Lock Type Threaded Coupling A3 5 PART NAME MATERIAL FINISH REV. TITLE DRAWING No. DIMENSION ANGLE A CE05-2A20-4PDXX-D K-511707 2 1 mm ~ ±0.5 Ground Contact Ground Contact Socket Contact Pin Contact ⇦ Receptacle Connector Plug Connector FEATURES OUTLINE ● First Make –Last Break Ground Contact to Protect Circuit Connectors have a premating ground contact having conductivity with the shell to protect a circuit. The premating contact will mate with the mating half contact first on mating the connectors and will unmate last on unmating the connectors. The connectors provide a path for any stray voltage to be shunted to a safe ground avoiding harm to the operator and the voltage sensitive equipment. MIL-DTL-5015 Conforming Standard ● European Safety Standard CE05 series fully conforms with the connector standard of EN61984 (DIN VDE0627) which is in accordance with European standard of EN60204-1 for the safety of machinery and electrical equipment for machines. Our products have been approved by TÜV Rheinland. Rated Current Contact Size # 16 # 12 #8 #4 Maximum Rating per Contact 13A 23A 46A 80A Dielectric Withstanding Voltage 2000V ~ 3000V AC(r.m.s.) at 1minute Insulation Resistance 5000M Ω (Min.) at 500V DC Operating Temperature -55℃ to 125℃ Waterproof Rating IP67 Contact Applicable Cable Size Size Minimum Bore of Solder Cup AWG Size Nominal Sectional Area Maximum Conductor Dia. # 16 φ 1.76 # 22 ~# 16 1.25mm2 1.6mm # 12 φ 2.70 # 14 ~# 12 3.50mm2 2.5mm # 8 φ 4.70 # 10 ~# 8 8.00mm2 4.5mm # 4 φ 7.50 # 6 ~# 4 22.00mm2 7.0mm SPECIFICATIONS APPLICABLE CABLE SIZE Item Material / Finish Contact Copper Alloy / Silver Plating 2A Style Pin Front Insert Synthetic Rubber / Black 2A Style Pin Rear Insert Synthetic Resin / Black 2A Style Socket Insert Synthetic Resin / Black 6A Style Socket Insert Synthetic Resin / Black 6A Style Pin Insert Synthetic Resin / Black Shell Aluminum Alloy / Zinc Plating, Black Trivalent Chromium Treatment Coupling Ring Aluminum Alloy / Zinc Plating, Black Trivalent Chromium Treatment Retaining Ring Copper Alloy / Nickel Plating Earth Rag Copper Alloy / Silver Plating Gasket Synthetic Resin / Black RoHS Compliant RoHS Compliant MATERIAL / FINISH Certification Organization Safety Standard Certificatie Number TÜV DIN VDE 0627〈EN61984〉 Refer to page 3 UL UL 1977 E72124 ● Water/Oil/Dust Structure – Class IP67 Protection Class IP67 protection in the mated condition. CE05-2A receptacle connectors are IP67 rated in the unmated condition since these connectors have the pin contacts in the rubber inserts. |
Similar Part No. - CE05-2A22-22SD-D |
|
Similar Description - CE05-2A22-22SD-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |