Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8AX200MEFC6.3X7 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 8AX200MEFC6.3X7
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

8AX200MEFC6.3X7 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  8AX200MEFC6.3X7 Datasheet HTML 1Page - RUBYCON CORPORATION 8AX200MEFC6.3X7 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
0.5
0.6
10 12.5
8
3.5
5.0
6.3∼35Vdc:
α=1.5
400Vdc:L≦10.8:
α=1.5
    L≧12.5:
α=2.0
6.3
2.5
5
2.0
φD
〈L≧9〉
φd
F
α
0.45
1.0
6.3
2.5
8
3.5
5
2.0
φD
〈L≦7.5〉
φd
F
α
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
AX
◆STANDARD SIZE
82
220
470
680
820
1000
1200
75
200
390
430
620
750
910
1100
68
180
330
390
560
680
820
1000
5×7
5×11
6.3×7
6.3×11
8×7.5
8×9
8×10.8
8×16
10×9
10×12.5
5×7
5×11
6.3×7
8×7.5
6.3×11
8×9
8×10.8
8×16
10×9
10×12.5
5×7
5×11
6.3×7
8×7.5
6.3×11
8×9
8×10.8
8×16
10×9
10×12.5
510
800
720
1140
1080
1360
1600
2010
1540
1970
510
800
720
1080
1140
1360
1600
2010
1540
1970
510
800
720
1080
1140
1360
1600
2010
1540
1970
0.25
0.14
0.13
0.067
0.065
0.049
0.042
0.027
0.036
0.025
0.25
0.14
0.13
0.065
0.067
0.049
0.042
0.027
0.036
0.025
0.25
0.14
0.13
0.065
0.067
0.049
0.042
0.027
0.036
0.025
Rated Voltage
(Vdc)
6.3
8
10
Capacitance
(μF)
Size
φD×L(mm)
Impedance
(Ω MAX/20℃,100kHz)
Rated ripple current
(mA r.m.s./105°C,100kHz)
390
470
560
680
1000
220
270
390
470
680
150
180
220
270
390
8×9
8×10.8
8×16
10×9
10×12.5
10×16
8×9
8×10.8
8×16
10×9
10×12.5
10×16
8×9
8×10.8
8×16
10×9
10×12.5
10×16
1360
1600
2010
1540
1970
2480
1360
1600
2010
1540
1970
2480
1360
1600
2010
1540
1970
2480
0.049
0.042
0.027
0.036
0.025
0.019
0.049
0.042
0.027
0.036
0.025
0.019
0.049
0.042
0.027
0.036
0.025
0.019
Rated Voltage
(Vdc)
16
25
35
Capacitance
(μF)
Size
φD×L(mm)
Impedance
(Ω MAX/20℃,100kHz)
Rated ripple current
(mA r.m.s./105°C,100kHz)
4.7
6.8
7.5
8.2
10
12
15
18
22
24
6.3×14
8×9
8×10.8
8×10.8
8×16
10×9
8×16
10×12.5
8×20
10×12.5
8×20
10×16
10×16
12.5×16
12.5×16
50
70
75
85
90
100
120
110
130
150
150
180
190
Rated Voltage
(Vdc)
400
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105°C,120Hz)
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)


Similar Part No. - 8AX200MEFC6.3X7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
8AX200MEFC5X11 RUBYCON-8AX200MEFC5X11 Datasheet
179Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 8AX200MEFC6.3X7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com