Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5232BS Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ5232BS
Description  Zener Diode in a SOD-323 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ5232BS Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMSZ5232BS Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5232BS Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5232BS Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5232BS Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5232BS Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5232BS Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5232BS Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMSZ52XXBS
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 7
Device
Device
Marking
Zoner Voltage
Zener lmpedance
Leakage Current
Vz(Volts)
@
IzT
ZzT
@ IzT
Zzk@Izk
IR@VR
Min
Nom
Max
mA
mA
uA
Volts
MMSZ5241BS
HH1
10.45
11
11.55
20
22
600
0.25
2
8.4
MMSZ5242BS
HH2
11.40
12
12.60
20
30
600
0.25
1
9.1
MMSZ5243BS
HH3
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMSZ5244BS
HH4
13.30
14
14.70
9.0
15
600
0.25
0.1
10
MMSZ5245BS
HH5
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMSZ5246BS
HJ1
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMSZ5247BS
HJ2
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMSZ5248BS
HJ3
17.10
18
18.90
7.0
21
600
0.25
0.1
14
MMSZ5249BS
HJ4
18.05
19
19.05
6.6
23
600
0.25
0.1
14
MMSZ5250BS
HJ5
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMSZ5251BS
HK1
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMSZ5252BS
HK2
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMSZ5253BS
HK3
23.75
25
26.25
5.0
35
600
0.25
0.1
19
MMSZ5254BS
HK4
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMSZ5255BS
HK5
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMSZ5256BS
HM1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMSZ5257BS
HM2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMSZ5258BS
HM3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMSZ5259BS
HM4
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMSZ5260BS
HM5
40.85
43
45.15
3.0
93
900
0.25
0.1
33
MMSZ5261BS
HN1
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MMSZ5262BS
HN2
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMSZ5263BS
HN3
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMSZ5264BS
HN4
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
MMSZ5265BS
HN5
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
MMSZ5266BS
HP1
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
MMSZ5267BS
HP2
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
MMSZ5268BS
HP3
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
MMSZ5269BS
HP4
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
MMSZ5270BS
HP5
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
MMSZ5272BS
HR2
104.5
110
115.5
1.1
750
3000
0.25
0.1
84
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MMSZ5232BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5232BS PANJIT-MMSZ5232BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5232BS YEASHIN-MMSZ5232BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Diodes Incorporated
MMSZ5232BS DIODES-MMSZ5232BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Shenzhen Luguang Electr...
MMSZ5232BS LUGUANG-MMSZ5232BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5232BS DIODES-MMSZ5232BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5232BS

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C15S FOSHAN-BZT52C15S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B3V6S FOSHAN-BZT52B3V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B5V6S FOSHAN-BZT52B5V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B6V2S FOSHAN-BZT52B6V2S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B33S FOSHAN-BZT52B33S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C12S FOSHAN-BZT52C12S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C16S FOSHAN-BZT52C16S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C11S FOSHAN-BZT52C11S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C36S FOSHAN-BZT52C36S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
MMSZ5223BS FOSHAN-MMSZ5223BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
MMSZ5256BS FOSHAN-MMSZ5256BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com