Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZT7V5CW Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TZT7V5CW
Description  SMD Zener
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZT7V5CW Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TZT7V5CW Datasheet HTML 1Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.taitroncomponents.com
ISO 9001 Certified
Tel :
Fax:
(800)TAITRON
(800)TAITFAX
(800)824-8766
(800)824-8329
-1-
20070515
SMD Zener Diodes (Three Terminals) - 300mW
SMD Zener
300mW
Cross
Reference
Marking
Code
Norminal Zener Voltage
@ IZT
Test
Current
Max. Zener Impedance
( Ω )
Maximum Reverse
Leakage Current
IR @ VR
Package
Outline
Nom.
Min.
Max.
(Typ. in Inches)
Part No.
VZ(V) VZ(V) VZ(V) IZT(mA)
ZZT @
lZT
ZZK@
lZK
lZK (mA) IR(µA)
VR(V) 7" Reel
TZT3V9AW
AZ23C3V9 D3.9
3.9
3.7
4.1
5.0
90
600
5.0
3.00
1.0
3000
TZT4V3AW
AZ23C4V3 D4.3
4.3
4.0
4.6
5.0
90
600
5.0
3.00
1.0
TZT4V7AW
AZ23C4V7 D4.7
4.7
4.4
5.0
5.0
80
500
5.0
3.00
2.0
TZT5V1AW
AZ23C5V1 D5.1
5.1
4.8
5.4
5.0
60
480
5.0
2.00
2.0
TZT5V6AW
AZ23C5V6 D5.6
5.6
5.2
6.0
5.0
40
400
5.0
1.00
2.0
TZT6V2AW
AZ23C6V2 D6.2
6.2
5.8
6.6
5.0
10
150
5.0
3.00
4.0
TZT6V8AW
AZ23C6V8 D6.8
6.8
6.4
7.2
5.0
15
80
5.0
2.00
4.0
TZT7V5AW
AZ23C7V5 D7.5
7.5
7.0
7.9
5.0
15
80
5.0
1.00
5.0
TZT8V2AW
AZ23C8V2 D8.2
8.2
7.7
8.7
5.0
15
80
5.0
0.70
5.0
TZT9V1AW
AZ23C9V1 D9.1
9.1
8.5
9.6
5.0
15
100
5.0
0.50
6.0
TZT10AW
AZ23C10
D10
10
9.4
10.6
5.0
20
150
5.0
0.20
7.0
TZT11AW
AZ23C11
D11
11
10.4
11.6
5.0
20
150
1.0
0.10
8.0
TZT12AW
AZ23C12
D12
12
11.4
12.7
5.0
25
150
1.0
0.10
8.0
TZT13AW
AZ23C13
D13
13
12.4
14.1
5.0
30
170
1.0
0.10
8.0
TZT15AW
AZ23C15
D15
15
13.8
15.6
5.0
30
200
1.0
0.05
10.5
TZT16AW
AZ23C16
D16
16
15.3
17.1
5.0
40
200
1.0
0.05
11.2
TZT18AW
AZ23C18
D18
18
16.8
19.1
5.0
45
225
1.0
0.05
12.6
TZT20AW
AZ23C20
D20
20
18.8
21.2
5.0
55
225
1.0
0.05
14.0
TZT22AW
AZ23C22
D22
22
20.8
23.3
5.0
55
250
1.0
0.05
15.4
TZT24AW
AZ23C24
D24
24
22.8
25.6
5.0
70
250
1.0
0.05
16.8
TZT27AW
AZ23C27
D27
27
25.1
28.9
2.0
80
300
0.5
0.05
18.9
TZT30AW
AZ23C30
D30
30
28.0
32.0
2.0
80
300
0.5
0.05
21.0
TZT33AW
AZ23C33
D33
33
31.0
35.0
2.0
80
325
0.5
0.05
23.1
TZT36AW
AZ23C36
D36
36
34.0
38.0
2.0
90
350
0.5
0.05
25.2
TZT39AW
AZ23C39
D39
39
37.0
41.0
2.0
130
350
0.5
0.05
27.3
TZT43AW
AZ23C43
D43
43
40.0
46.0
2.0
150
375
0.5
0.05
30.1
TZT47AW
AZ23C47
D47
47
44.0
50.0
2.0
170
375
0.5
0.05
32.9
TZT3V3CW
DZ23C3V3
ZF
3.3
3.1
3.5
5.0
95
600
1.0
5.00
1.0
3000
TZT3V6CW
DZ23C3V6
ZG
3.6
3.4
3.8
5.0
90
600
1.0
5.00
1.0
TZT3V9CW
DZ23C3V9
ZH
3.9
3.7
4.1
5.0
90
600
1.0
3.00
1.0
TZT4V3CW
DZ23C4V3
ZJ
4.3
4.0
4.6
5.0
90
600
1.0
3.00
1.0
TZT4V7CW
DZ23C4V7
ZK
4.7
4.4
5.0
5.0
80
500
1.0
3.00
2.0
TZT5V1CW
DZ23C5V1
ZL
5.1
4.8
5.4
5.0
60
480
1.0
2.00
2.0
TZT5V6CW
DZ23C5V6
ZM
5.6
5.2
6.0
5.0
40
400
1.0
1.00
2.0
TZT6V2CW
DZ23C6V2
ZN
6.2
5.8
6.6
5.0
10
150
1.0
3.00
4.0
TZT6V8CW
DZ23C6V8
ZP
6.8
6.4
7.2
5.0
15
80
1.0
2.00
4.0
TZT7V5CW
DZ23C7V5
ZT
7.5
7.0
7.9
5.0
15
80
1.0
1.00
5.0
TZT8V2CW
DZ23C8V2
ZV
8.2
7.7
8.7
5.0
15
80
1.0
0.70
5.0
TZT9V1CW
DZ23C9V1
ZW
9.1
8.5
9.6
5.0
15
100
1.0
0.50
6.0
TZT10CW
DZ23C10
ZX
10
9.4
10.6
5.0
20
150
1.0
0.20
7.0
TZT11CW
DZ23C11
ZY
11
10.4
11.6
5.0
20
150
1.0
0.10
8.0
TZT12CW
DZ23C12
ZZ
12
11.4
12.7
5.0
25
150
1.0
0.10
8.0
TZT13CW
DZ23C13
YB
13
12.4
14.1
5.0
30
170
1.0
0.10
8.0
TZT15CW
DZ23C15
YC
15
13.8
15.6
5.0
30
200
1.0
0.05
10.5
3000
TZT16CW
DZ23C16
YD
16
15.3
17.1
5.0
40
200
1.0
0.05
11.2
TZT18CW
DZ23C18
YE
18
16.8
19.1
5.0
45
225
1.0
0.05
12.6
TZT20CW
DZ23C20
YF
20
18.8
21.2
5.0
55
225
1.0
0.05
14.0
TZT22CW
DZ23C22
YG
22
20.8
23.3
5.0
55
250
1.0
0.05
15.4
TZT24CW
DZ23C24
YH
24
22.8
25.6
5.0
70
250
1.0
0.05
16.8
TZT27CW
DZ23C27
YJ
27
25.1
28.9
2.0
80
300
0.5
0.05
18.9
TZT30CW
DZ23C30
YK
30
28.0
32.0
2.0
80
300
0.5
0.05
21.0
TZT33CW
DZ23C33
YL
33
31.0
35.0
2.0
80
325
0.5
0.05
23.1
TZT36CW
DZ23C36
YM
36
34.0
38.0
2.0
90
350
0.5
0.05
25.2
TZT39CW
DZ23C39
YN
39
37.0
41.0
2.0
130
350
0.5
0.05
27.3


Similar Part No. - TZT7V5CW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TZT/A1UWUH PANASONIC-TZT/A1UWUH Datasheet
6Mb / 67P
   Service Manual
2014
logo
List of Unclassifed Man...
TZT4033 ETC2-TZT4033 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TZT4034 ETC2-TZT4034 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TZT4035 ETC2-TZT4035 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TZT4036 ETC2-TZT4036 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
More results

Similar Description - TZT7V5CW

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRH3-55C10-G COMCHIP-CZRH3-55C10-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C2V7-G COMCHIP-CZRV3-55C2V7-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C18-G COMCHIP-CZRV3-55C18-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C27-G COMCHIP-CZRV3-55C27-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C30-G COMCHIP-CZRV3-55C30-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com