Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1578 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1578
Description  Integrated Circuit FM Mixer/IF Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1578 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1578 Datasheet HTML 1Page - NTE Electronics NTE1578 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1578
Integrated Circuit
FM Mixer/IF Amp
Description:
The NTE1578 is an FM front–end integrated circuit in a 16–Lead DIP type package designed for use
in car radio and home stereo applications. This device has a built–in AGC driver circuit which im-
proves interference characteristics. It thereby offers advantages such as improved interference char-
acteristics without sacrificing usable sensitivity and the conventional DX–LOCAL change–over
switch.
Features:
D Double–Balanced Type MIX (Improved Spurious Characteristic)
D Keyed AGC/Keyed Classical AGC (Improved Intermodulation, Cross Modulation Characteristic)
D Differential IF Amplification (Improved Limiting Characteristic)
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage (Pin12, Pin15), VCC1max
8.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Supply Voltage (Pin5, Pin6), VCC2max
16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (TA ≤ +50°C, Note 1), PDmax
600mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topg
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. PDmax = 460mW at TA = +70°C
Recommended Operation Condition: (TA = +25°C unless otherwise specified)
Recommended Supply Voltage (Pin12, Pin15), VCC1
8V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Supply Voltage (Pin5, Pin6), VCC2
13V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC1 = 8V, VCC2 = 13V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Dissipation Current
ICC1
Pin 12, 15
17
25
36
mA
ICC2
Pin 5, 6
5
8
11
mA
Local OSC Input Offset
∆VINOSC
–20
0
20
mV
MIX Input Offset
∆VINMIX
–20
0
20
mV
MIX Output Offset
∆IOUT MIX
–600
0
600
µA
High Level AGC Output
VAGC H
Vi = 0dBu, VCL = 4V
7.6
7.9
V
Low Level AGC Output
VAGC L
Vi = 100dB, VCL = 4V
0.5
1
V


Similar Part No. - NTE1578

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE157 NTE-NTE157 Datasheet
23Kb / 2P
   Silicon NPN Transistor Audio Power Amp, High Voltage Converter (Compl to NTE39)
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1572 NTE-NTE1572 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
   Integrated Circuit B/W TV Sound IF Amplifier
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
More results

Similar Description - NTE1578

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
   Integrated Circuit FM IF Amp
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
NTE736 NTE-NTE736 Datasheet
79Kb / 3P
   Integrated Circuit FM IF Amp
NTE1559 NTE-NTE1559 Datasheet
21Kb / 2P
   Integrated Circuit FM IF Amp, Demod
NTE1054 NTE-NTE1054 Datasheet
19Kb / 2P
   Integrated Circuit FM/AM IF Amp
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1002 NTE-NTE1002 Datasheet
19Kb / 2P
   Integrated Circuit FM IF TV Amp
NTE1072 NTE-NTE1072 Datasheet
17Kb / 1P
   Integrated Circuit FM-AM IF Amp & AF Amp
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
NTE1527 NTE-NTE1527 Datasheet
82Kb / 2P
   Integrated Circuit FM, IF Amp/AFC & Meter Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com