Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4C-EA15010A10000 Datasheet(PDF) 5 Page - SICK AG

Part # C4C-EA15010A10000
Description  SAFETY LIGHT CURTAINS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

C4C-EA15010A10000 Datasheet(HTML) 5 Page - SICK AG

  C4C-EA15010A10000 Datasheet HTML 1Page - SICK AG C4C-EA15010A10000 Datasheet HTML 2Page - SICK AG C4C-EA15010A10000 Datasheet HTML 3Page - SICK AG C4C-EA15010A10000 Datasheet HTML 4Page - SICK AG C4C-EA15010A10000 Datasheet HTML 5Page - SICK AG C4C-EA15010A10000 Datasheet HTML 6Page - SICK AG C4C-EA15010A10000 Datasheet HTML 7Page - SICK AG C4C-EA15010A10000 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C4C-SA15010A10000, C4C-EA15010A10000 | deTec4 Core
SAFETY LIGHT CURTAINS
Connection diagram
deTec4 Core safety light curtain connected to UE48-2OS safety relay
S34
S21
S35
S22
S33
S12
S11
S31
14
A2
24
32
13
A1
23
31
UE48-2OS2D2
K1
K2
S1
k1
k2
OSSD1
OSSD2
n.c.
GND
+24V
1
2
3
4
5
+24V
n.c.
GND
n.c.
n.c.
1
2
3
4
5
24 V DC
0 V DC
E114585/01/2014-05-08
Task
Connection of a deTec4 Core safety light curtain to UE48-2OS.
Operating mode: with restart interlock and external device monitoring.
Function
When the light path is clear, the OSSD1 and OSSD2 outputs are live. The system is ready to switch on if K1 and K2 are de-ener-
gized. By pressing S1 (button is pressed and released), the UE48-2OS is energized and its 13 - 14 and 23 - 24 contacts activate K1
and K2. On interruption of one of the light beams, the UE48-2OS is de-energized by the OSSD1 and OSSD2 outputs and K1 and K2
are deactivated.
Fault analysis
OSSD cross-circuits and short-circuits are detected and lead to the inhibited state (lock-out). The incorrect functioning of one of the
K1 or K2 contactors will be detected and does not result in the loss of the shutdown function. Jamming of the S1 button will pre-
vent the UE48-2OS from enabling.
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, the integration must be dual-channel (x/y paths). Single-channel integration in the control (z
path) is only possible with a single-channel control and by taking the risk analysis into account.
2017-08-21 16:38:06 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
5


Similar Part No. - C4C-EA15010A10000

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4C-EA15030A10000 SICK-C4C-EA15030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
More results

Similar Description - C4C-EA15010A10000

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com