Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD400-08NFB Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # SD400-08NFB
Description  Discrete Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SD400-08NFB Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SD400-08NFB Datasheet HTML 1Page - Sirectifier Semiconductors SD400-08NFB Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD400
Discrete Diodes
Maximum Forward Characteristics
2.
Forward Voltage Drop(V)
10
10
Power Dissipation
10
50
20
40
30
Average Forward Current(A)
Three Phase
Single Phase
D.C.
16
14
12
10
Allowable Case Temperature
Average Forward Current(A)
Three Phase
Single Phase
D.C.
Non-Repetitive)
Time(Cycles)
60Hz
Tj=25℃ start
0.
0.
0.
0.
Transient Thermal Impedance
Time
t(sec)
10
10
10
10
10
Junction to case
300
400
500
600
200
300
400
500
7000
8000
6000
5000
4000
3000
2000
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - SD400-08NFB

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
   High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
International Rectifier
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
AUK corp
SD4001 AUK-SD4001 Datasheet
2Mb / 74P
   4BIT MICRO CONTROLLER
SD4002 AUK-SD4002 Datasheet
2Mb / 74P
   4BIT MICRO CONTROLLER
logo
Calogic, LLC
SD400BD CALOGIC-SD400BD Datasheet
23Kb / 2P
   High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
More results

Similar Description - SD400-08NFB

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SD30 SIRECTIFIER-SD30 Datasheet
202Kb / 2P
   Discrete Diodes
SDD25 SIRECTIFIER-SDD25 Datasheet
75Kb / 1P
   Discrete Diodes
SD250 SIRECTIFIER-SD250 Datasheet
180Kb / 2P
   Discrete Diodes
SD45 SIRECTIFIER-SD45 Datasheet
109Kb / 2P
   Discrete Diodes
SDD10 SIRECTIFIER-SDD10 Datasheet
127Kb / 1P
   Discrete Diodes
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
   Discrete Diodes
SD300 SIRECTIFIER-SD300 Datasheet
215Kb / 2P
   Discrete Diodes
SD20 SIRECTIFIER-SD20 Datasheet
217Kb / 2P
   Discrete Diodes
SD30 SIRECTIFIER-SD30_16 Datasheet
212Kb / 2P
   Discrete Diodes
logo
International Rectifier
SD103R IRF-SD103R Datasheet
416Kb / 10P
   DISCRETE POWER DIODES and THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com