Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1012 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # SD1012
Description  Discrete Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SD1012 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SD1012 Datasheet HTML 1Page - Sirectifier Semiconductors SD1012 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD10
Discrete Diodes
0.001
0.01
0.1
1
0
50
100
150
200
250
2
3
4 5 6 7 8 9
1
10
102
103
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
0
10
20
30
0
20
40
60
0
20 40 60 80 100 120 140
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
tot
W
I
d(AV)M
A
Tamb
t
s
K/W
A2s
0 20 40 60 80 100 120 140
0
5
10
15
20
25
30
35
I
F(AV)M
T
C
A
V
A
°C
°C
TVJ = 45°C
50Hz, 80% V
RRM
VR = 0 V
Fig. 1 Forward current versus voltage
drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Fig. 4 Power dissipation versus direct output current and ambient temperature, sine 180 °
Fig. 5 Max. forward current versus
case temperature
Fig. 6 Transient thermal impedance junction to case
RthHA :
1 K/W
2 K/W
3 K/W
5 K/W
7 K/W
10 K/W
15 K/W
TVJ = 150°C
TVJ=150°C
TVJ= 25°C
TVJ = 150°C
ZthJC
TVJ = 45°C
Constants for ZthJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.01362
0.0001
2
0.1962
0.00316
3
0.267
0.023
4
0.3052
0.4
5
0.218
0.15
0.001
0.01
0.1
1
0
50
100
150
200
250
2
3
4
5 6 7 8 9
1
10
102
103
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
0
10
20
30
0
20
40
60
0
20
40
60
80 100 120 140
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
tot
W
I
d(AV)M
A
T
amb
t
s
K/W
A
2s
0
20 40 60 80 100 120 140
0
5
10
15
20
25
30
35
I
F(AV)M
T
C
A
V
A
°C
°C
T
VJ = 45°C
50Hz, 80% V
RRM
V
R = 0 V
Fig. 1 Forward current versus voltage
drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Fig. 4 Power dissipation versus direct output current and ambient temperature, sine 180 °
Fig. 5 Max. forward current versus
case temperature
Fig. 6 Transient thermal impedance junction to case
R
thHA :
1 K/W
2 K/W
3 K/W
5 K/W
7 K/W
10 K/W
15 K/W
T
VJ = 150°C
T
VJ=150°C
T
VJ=
25°C
T
VJ = 150°C
Z
thJC
T
VJ = 45°C
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.01362
0.0001
2
0.1962
0.00316
3
0.267
0.023
4
0.3052
0.4
5
0.218
0.15
0.001
0.01
0.1
1
0
50
100
150
200
250
2
3
4
5 6 7 8 9
1
10
102
103
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
0
10
20
30
0
20
40
60
0
20
40
60
80
100 120 140
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
tot
W
I
d(AV)M
A
T
amb
t
s
K/W
A
2s
0
20
40
60
80 100 120 140
0
5
10
15
20
25
30
35
I
F(AV)M
T
C
A
V
A
°C
°C
T
VJ = 45°C
50Hz, 80% V
RRM
V
R = 0 V
Fig. 1 Forward current versus voltage
drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Fig. 4
Power dissipation versus direct output current and ambient temperature, sine 180 °
Fig. 5 Max. forward current versus
case temperature
Fig. 6 Transient thermal impedance junction to case
R
thHA :
1
K/W
2
K/W
3
K/W
5
K/W
7
K/W
10 K/W
15 K/W
T
VJ = 150°C
T
VJ=150°C
T
VJ=
25°C
T
VJ = 150°C
Z
thJC
T
VJ = 45°C
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.01362
0.0001
2
0.1962
0.00316
3
0.267
0.023
4
0.3052
0.4
5
0.218
0.15
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - SD1012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1012-03 MICROSEMI-SD1012-03 Datasheet
192Kb / 4P
   RF & MICROWAVE TRANSISTORS
logo
ZF Friedrichshafen AG
SD101201 ZFSWITCHES-SD101201 Datasheet
370Kb / 2P
   Gear Tooth Speed and Direction Sensor
logo
Shenzhen Luguang Electr...
SD10120SL LUGUANG-SD10120SL Datasheet
11Mb / 4P
   10A/120V Low VF Schottky Rectifier
More results

Similar Description - SD1012

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SD30 SIRECTIFIER-SD30 Datasheet
202Kb / 2P
   Discrete Diodes
SDD25 SIRECTIFIER-SDD25 Datasheet
75Kb / 1P
   Discrete Diodes
SD250 SIRECTIFIER-SD250 Datasheet
180Kb / 2P
   Discrete Diodes
SD45 SIRECTIFIER-SD45 Datasheet
109Kb / 2P
   Discrete Diodes
SDD10 SIRECTIFIER-SDD10 Datasheet
127Kb / 1P
   Discrete Diodes
SD300 SIRECTIFIER-SD300 Datasheet
215Kb / 2P
   Discrete Diodes
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
   Discrete Diodes
SD20 SIRECTIFIER-SD20 Datasheet
217Kb / 2P
   Discrete Diodes
SD30 SIRECTIFIER-SD30_16 Datasheet
212Kb / 2P
   Discrete Diodes
logo
International Rectifier
SD103R IRF-SD103R Datasheet
416Kb / 10P
   DISCRETE POWER DIODES and THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com