Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEEL22CV10AZ Datasheet(PDF) 3 Page - Anachip Corp

Part No. PEEL22CV10AZ
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANACHIP [Anachip Corp]
Homepage  
Logo ANACHIP - Anachip Corp

PEEL22CV10AZ Datasheet(HTML) 3 Page - Anachip Corp

  PEEL22CV10AZ Datasheet HTML 1Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 2Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 3Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 4Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 5Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 6Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 7Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 8Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
3/10
Function Description
The implements logic functions as sum-of-products expressions in
a programmable-AND/fixed-OR logic array. User-defined
functions are created by programming the connections of input
signals into the array. User-configurable output structures in the
form of I/O macrocells further increase logic flexibility.
Architecture Overview
The architecture is illustrated in the block diagram of Figure 19.
Twelve dedicated inputs and 10 I/Os provide up to 22 inputs and
10 outputs for creating logic functions (see Figure 21). At the
core of the device is a programmable electrically-erasable AND
array that drives a fixed OR array. With this structure, the
PEEL™22CV10AZ can implement up to 10 sum-of-products
logic expressions.
Associated with each of the ten OR functions is an I/O macrocell
that can be independently programmed to one of four different
configurations in standard 22V10 mode, or any one of 12 config-
urations using the special “Plus” mode. The programmable mac-
rocells allow each I/O to be used to create sequential or
combinatorial logic functions of active-high or active-low polar-
ity, while providing three different feedback paths into the AND
array.
AND/OR Logic Array
The programmable AND array of the PEEL™22CV10AZ
(shown in Figure 21) is formed by input lines intersecting prod- uct
terms. The input lines and product terms are used as follows:
44 Input Lines:
– 24 input lines carry the true and complement of the signals
applied to the 12 input pins
– 20 additional lines carry the true and complement values of
feedback or input signals from the 10 I/Os
133 Product Terms:
– 120 product terms (arranged in 2 groups of 8, 10, 12, 14, and
16) are used to form sum of product functions
– 10 output enable terms (one for each I/O)
– 1 global synchronous preset term
– 1 global asynchronous clear term
– 1 programmable clock term
At each input-line/product-term intersection, there is an
EEPROM memory cell that determines whether or not there is a
logical connection at that intersection. Each product term is
essentially a 44-input AND gate. A product term that is con-
nected to both the true and complement of an input signal will
always be FALSE and therefore will not affect the OR function
that it drives. When all the connections on a product term are
opened, a “don’t care” state exists and that term will always be
TRUE.
When programming the PEEL™22CV10AZ, the device pro-
grammer first performs a bulk erase to remove the previous pat-
tern. The erase cycle opens every logical connection in the array.
The device is configured to perform the user-defined function by
programming selected connections in the AND array. (Note that
PEEL™ device programmers automatically program all of the
connections on unused product terms so that they will have no
effect on the output function).
Variable Product Term Distribution
The PEEL™22CV10AZ provides 120 product terms to drive the
10 OR functions. These product terms are distributed among the
outputs in groups of 8, 10, 12, 14, and 16 to form logical sums
(see Figure 21). This distribution allows optimum use of the
device resources.
Programmable I/O Macrocell
The unique twelve-configuration output macrocell provides com-
plete control over the architecture of each output. The ability to
configure each output independently lets you to tailor the config-
uration of the PEEL™22CV10AZ to the precise requirements of
your design.
Macrocell Architecture
Each I/O macrocell, as shown in Figure 20, consists of a D-type
flip-flop and two signal-select multiplexers. The configuration of
the macrocell is determined by four EEPROM bits that control the
multiplexers. These bits determine the output polarity, output type
(registered or non-registered) and input-feedback path (bidi-
rectional I/O, combinatorial feedback). Refer to Table 1. for
details. Four of these macrocells duplicate the functionality of the
industry-standard PAL22V10. (See Figure 21 and Table 1.)
Figure 20 Block Diagram of the
PEEL™22CV10A I/O Macrocell


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn