Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEEL22CV10AZ Datasheet(PDF) 1 Page - Anachip Corp

Part No. PEEL22CV10AZ
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANACHIP [Anachip Corp]
Homepage  
Logo 

PEEL22CV10AZ Datasheet(HTML) 1 Page - Anachip Corp

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent
accompany the sale of the product.
Rev. 1.0 Dec 16, 2004
1/10
Features
PEEL™ 22CV10AZ-25
CMOS Programmable Electrically Erasable Logic Device
Architectural Flexibility
- 133 product terms x 44 input AND array
Ultra Low Power Operation
- VCC = 5 Volts ±10%
- Icc = 10 µA (typical) at standby
- Icc = 2 mA (typical) at 1 MHz
- tPD = 25ns.
CMOS Electrically Erasable Technology
- Superior factory testing
- Reprogrammable in plastic package
- Reduces retrofit and development costs
Development/Programmer Support
- Third party software and programmers
- Anachip PLACE Development Software
- Up to 22 inputs and 10 I/O pins
- 12 possible macrocell configurations
- Synchronous preset, asynchronous clear
- Independent output enables
- Programmable clock source and polarity
- 24-pin DIP/SOIC/TSSOP and 28-pin PLCC
Application Versatility
- Replaces random logic
- Pin and JEDEC compatible with 22V10
- Ideal for power-sensitive systems
General Description
The PEEL™22CV10AZ is a Programmable Electrically Erasable
Logic (PEEL™) device that provides a low power alternative to
ordinary PLDs. The PEEL™22CV10AZ is available in 24-pin
DIP, SOIC, TSSOP and 28-pin PLCC packages (see Figure 19). A
“zero-power” (100µA max. ICC) standby mode makes the
PEEL™22CV10AZ ideal for power sensitive applications such as
handheld meters, portable communication equipment and lap- top
computers/ peripherals. EE-reprogrammability provides the
convenience of instant reprogramming for development and a
reusable production inventory minimizing the impact of pro-
gramming changes or errors. EE-reprogrammability also
improves factory testability, thus ensuring the highest quality
possible.
Figure 19 Pin Configuration
The PEEL™22CV10AZ is JEDEC file compatible with standard
22V10 PLDs. Eight additional configurations per macrocell (a
total of 12) are also available by using the “+” software/program-
ming option (i.e., 22CV10AZ+ & 22CV10AZ++). The additional
macrocell configurations allow more logic to be put into every
device, potentially reducing the design's component count and
lowering the power requirements even further.
Development
and
programming
support
for
the
PEEL™22CV10AZ is provided by popular third-party program-
mers and development software. Anachip also offers free Win-
PLACE development software.
Figure 19 Block Diagram
I/CLK
1
I
2
I
3
I
4
I
5
I
6
I
7
I
8
I
9
I
10
I
11
GND
12
24
VCC
23
I/O
22
I/O
21
I/O
20
I/O
19
I/O
18
I/O
17
I/O
16
I/O
15
I/O
14
I/O
13
I
DIP
TSSOP
PLCC
SOIC


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn