Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEEL22CV10AZ Datasheet(PDF) 4 Page - Anachip Corp

Part No. PEEL22CV10AZ
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10AZ Datasheet(HTML) 4 Page - Anachip Corp

  PEEL22CV10AZ Datasheet HTML 1Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 2Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 3Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 4Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 5Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 6Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 7Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 8Page - Anachip Corp PEEL22CV10AZ Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
4/10
In addition to emulating the four PAL-type output structures
(configurations 3, 4, 9, and 10), The macrocell provides eight
additional configurations. Equivalent circuits for the twelve mac-
rocell configurations are illustrated in Figure 22. These structures
are accessed by specifying the PEEL™22CV10A+ or
PEEL™22CV10A++ option when assembling the equations.
Figure 21 Equivalent Circuits for the Four Con-
figurations of the I/O Macrocell
Table 1. PEEL™22CV10A Macrocell
Configuration Bits
Configuration
Input/Feedback
Select
Output Select
#
A
B
Output Polarity
Each macrocell can be configured to implement active-high or
active-low logic. Programmable polarity eliminates the need for
external inverters.
Output Enable
The output of each I/O macrocell can be enabled or disabled
under the control of its associated programmable output enable
product term. When the logical conditions programmed on the
output enable term are satisfied, the output signal is propagated to
the I/O pin. Otherwise, the output buffer is switched into the
high-impedance state.
Under the control of the output enable term, the I/O pin can func-
tion as a dedicated input, a dedicated output, or a bi-directional I/ O.
Opening every connection on the output enable term will per-
manently enable the output buffer and yield a dedicated output.
Conversely, if every connection is intact, the enable term will
always be logically false and the I/O will function as a dedicated
input.
Input/Feedback Select
When configuring an I/O macrocell to implement a registered
function (configurations 1 and 2 in Figure 21), the Q output of the
flip-flop drives the feedback term. When configuring an I/O mac-
rocell to implement a combinatorial output (configurations 3 and
4 in Figure 21), the feedback term is taken from the I/O pin. In this
case, the pin can be used as a dedicated input or a bi-direc- tional
I/O (Refer also to Table 1.)
Programmable Clock Options
1
0
0
Register
Feedback
Register
Active Low
A unique feature of the PEEL™22CV10AZ is a programmable
clock multiplexer that allows you to select true or complement
2
1
0
Active High
forms of either the input pin or a product-term clock source. This
3
0
1
Bi-Directional
I/O
Combinatorial
Active Low
feature can be accessed by specifying the PEEL™22CV10A++
option when assembling the equations.
4
Active High
When creating a PEEL™ device design, the desired macrocell
configuration is generally specified explicitly in the design file.
When the design is assembled or compiled, the macrocell config-
uration bits are defined in the last lines of the JEDEC program-
ming file.
Output Type
The signal from the OR array can be fed directly to the output pin
(combinatorial function) or latched in the D-type flip-flop (regis-
tered function). The D-type flip-flop latches data on the rising
edge of the clock and is controlled by the global preset and clear
terms. When the synchronous preset term is satisfied, the Q out-
put of the register is set HIGH at the next rising edge of the clock
input. Satisfying the asynchronous clear sets Q LOW, regardless of
the clock state. If both terms are satisfied simultaneously, the clear
will override the preset.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn