Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3PDB61N12 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # S3PDB61N12
Description  Three Phase Rectifier Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PDB61N12 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  S3PDB61N12 Datasheet HTML 1Page - Sirectifier Semiconductors S3PDB61N12 Datasheet HTML 2Page - Sirectifier Semiconductors S3PDB61N12 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S3PDB61
Three Phase Rectifier Modules
FEATURES
* Package with screw terminals
* Isolation voltage
3000 V~
* Blocking voltage up to 1800 V
* Low forward voltage drop
ADVANTAGES
* Easy to mount with two screws
* Space and weight savings
* Improved temperature and power
cycling
APPLICATIONS
* Supplies for DC power equipment
* Input rectifiers for PWM inverter
* Battery DC power supplies
* Field supply for DC motors
Symbol
Test Conditions
Characteristic Values
Unit
VR=VRRM; TVJ=25oC
VR=VRRM; TVJ=TVJM
< 0.3
< 5
mA
VF
IF=60A; TVJ=25 oC
< 1.25
V
IR
VTO
For power-loss calculations only
0.85
V
rT
TVJ=TVJM
5
m
per diode
per module
RthJC
0.96
0.16
K/W
per diode
per module
RthJK
1.60
0.27
K/W
dS
Creeping distance on surface
10
mm
dA
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
_
_
_
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S3PDB61N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB60 SIRECTIFIER-S3PDB60 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB60N08 SIRECTIFIER-S3PDB60N08 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB60N08 SIRECTIFIER-S3PDB60N08 Datasheet
114Kb / 2P
   Three Phase Rectifier Modules
S3PDB60N12 SIRECTIFIER-S3PDB60N12 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB60N12 SIRECTIFIER-S3PDB60N12 Datasheet
114Kb / 2P
   Three Phase Rectifier Modules
More results

Similar Description - S3PDB61N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB80NXX SIRECTIFIER-S3PDB80NXX Datasheet
567Kb / 3P
   Three Phase Rectifier Modules
S3PDB200NXX SIRECTIFIER-S3PDB200NXX Datasheet
86Kb / 2P
   Three Phase Rectifier Modules
S3PDB41NXX SIRECTIFIER-S3PDB41NXX Datasheet
326Kb / 4P
   Three Phase Rectifier Modules
logo
List of Unclassifed Man...
S3PDB25 ETC2-S3PDB25 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
logo
Sirectifier Semiconduct...
S3PDB60NXX SIRECTIFIER-S3PDB60NXX Datasheet
114Kb / 2P
   Three Phase Rectifier Modules
S3PDB91NXX SIRECTIFIER-S3PDB91NXX Datasheet
298Kb / 3P
   Three Phase Rectifier Modules
S3PDB25NXX SIRECTIFIER-S3PDB25NXX Datasheet
73Kb / 2P
   Three Phase Rectifier Modules
S3PDB250 SIRECTIFIER-S3PDB250 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
S3PDB40 SIRECTIFIER-S3PDB40 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB80 SIRECTIFIER-S3PDB80 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB130 SIRECTIFIER-S3PDB130 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com