Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3PDB41NXX Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # S3PDB41NXX
Description  Three Phase Rectifier Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PDB41NXX Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  S3PDB41NXX Datasheet HTML 1Page - Sirectifier Semiconductors S3PDB41NXX Datasheet HTML 2Page - Sirectifier Semiconductors S3PDB41NXX Datasheet HTML 3Page - Sirectifier Semiconductors S3PDB41NXX Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S3PDB41
Three Phase Rectifier Modules
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitve Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
50
100
110
120
130
140
150
90
80
70
60
Total Output Current (A)
0
10
20
30
40
50
60
70
80
120°
(Rect)
+
-
~
1
100
10
1000
Instantaneous Forward Voltage (V)
1
2
3
4
5
0
T
J = 25 °C
T
J = 150 °C
0
175
200
225
250
150
125
100
75
50
25
Total Output Current (A)
10
20
30
40
0
5
0
6
0
7
80
0
120°
(Rect)
T
J = 150 °C
0
175
200
225
250
150
125
100
75
50
25
Maximum Allowable Ambient
Temperature (°C)
25
50
75
100
125
150
0
0.12
K/W
0.2
K/W
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
1.5 K/W
350
400
300
250
200
150
100
Number of Equal Amplitude
Half Cycle Current Pulses (N)
10
100
1
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
350
400
450
300
250
200
150
100
50
Pulse Train Duration (s)
0.01
0.1
1.0
Maximum non-repetitive surge current
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S3PDB41NXX

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB40 SIRECTIFIER-S3PDB40 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB40N06 SIRECTIFIER-S3PDB40N06 Datasheet
895Kb / 3P
   Three Phase Rectifier Modules
S3PDB40N08 SIRECTIFIER-S3PDB40N08 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB40N08 SIRECTIFIER-S3PDB40N08 Datasheet
895Kb / 3P
   Three Phase Rectifier Modules
S3PDB40N12 SIRECTIFIER-S3PDB40N12 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
More results

Similar Description - S3PDB41NXX

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB80NXX SIRECTIFIER-S3PDB80NXX Datasheet
567Kb / 3P
   Three Phase Rectifier Modules
S3PDB200NXX SIRECTIFIER-S3PDB200NXX Datasheet
86Kb / 2P
   Three Phase Rectifier Modules
logo
List of Unclassifed Man...
S3PDB25 ETC2-S3PDB25 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
logo
Sirectifier Semiconduct...
S3PDB60NXX SIRECTIFIER-S3PDB60NXX Datasheet
114Kb / 2P
   Three Phase Rectifier Modules
S3PDB91NXX SIRECTIFIER-S3PDB91NXX Datasheet
298Kb / 3P
   Three Phase Rectifier Modules
S3PDB25NXX SIRECTIFIER-S3PDB25NXX Datasheet
73Kb / 2P
   Three Phase Rectifier Modules
S3PDB250 SIRECTIFIER-S3PDB250 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
S3PDB40 SIRECTIFIER-S3PDB40 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB80 SIRECTIFIER-S3PDB80 Datasheet
69Kb / 2P
   Three Phase Rectifier Modules
S3PDB130 SIRECTIFIER-S3PDB130 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com