Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1955 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SA1955
Description  Silicon PNP transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1955 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1955 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1955 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1955 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1955 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1955 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1955 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1955
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-15
V
Collector to Emitter Voltage
VCEO
-12
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current
IC
-400
mA
Base Current
IB
-50
mA
Collector Power Dissipation
PC
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=-15V
IE=0
-0.1
μA
Emitter Base Cut-Off Current
IEBO
VEB=-5.0V
Ic=0
-0.1
μA
DC Current Gain
hFE
VCE=-2.0V
IC=-10mA
300
1000
VCE(sat)(1) IC=-10mA
IB=-0.5mA
-0.015
-0.03
V
Collector to Emitter Saturation
Voltage
VCE(sat)(2) IC=-200mA
IB=-10mA
-0.11
-0.25
V
Base to Emitter Saturation Voltage VBE(sat)
IC=-200mA
IB=-10mA
-0.87
-1.2
V
Transition Frequency
fT
VCE=-2.0V
IE=-10mA
80
130
MHz
Collector Output Capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
4.2
pF
Collector-Emitter On Resistance
Ron
IB=-1.0mA
Vin=-1.0V
Vrmsf=1KHZ
0.9
Turn-On Time
ton
40
Storage Time
Tstg
280
Switching time
Fall Time
tf
IB1=-IB2=5.0mA
45
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - 2SA1955

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1955 TOSHIBA-2SA1955 Datasheet
159Kb / 4P
   TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SA1955 TOSHIBA-2SA1955 Datasheet
437Kb / 5P
   General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1955F TOSHIBA-2SA1955F Datasheet
131Kb / 5P
   General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1955FV TOSHIBA-2SA1955FV Datasheet
223Kb / 5P
   General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1955 TOSHIBA-2SA1955_07 Datasheet
437Kb / 5P
   General Purpose Amplifier Applications Switching and Muting Switch Application
More results

Similar Description - 2SA1955

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BCW30 FOSHAN-BCW30 Datasheet
911Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT589 FOSHAN-MMBT589 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SA1036K FOSHAN-2SA1036K Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB709A FOSHAN-2SB709A Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1198K FOSHAN-2SB1198K Datasheet
691Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1295 FOSHAN-2SB1295 Datasheet
632Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC858 FOSHAN-BC858 Datasheet
910Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT4403 FOSHAN-MMBT4403 Datasheet
804Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC856 FOSHAN-BC856 Datasheet
896Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
FMMT591 FOSHAN-FMMT591 Datasheet
790Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
KSA1182 FOSHAN-KSA1182 Datasheet
698Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com