Electronic Components Datasheet Search |
|
CE01-2A28-14SCW-D0 Datasheet(PDF) 3 Page - DDK Ltd. |
|
CE01-2A28-14SCW-D0 Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 10 page Unit:mm http://www.ddknet.co.jp CE01 Series 3 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○Cable Receptacle ○ Diagram Note: Cover insert is available for socket insert with #16 or #20 contacts only. Receptacle Plug Pin Contact Socket Contact Plug Shell Coupling Ring Cover Insert Socket Insert Gronud Clip O Ring Receptacle Shell Retaining Ring Retaining Ring Pin Insert Receptacle Plug Gronud Clip ① Connector Style 1A : Cable Receptacle ② Shell Size 18, 20, 22, 24 and 28 ③ Insert Arrangement Refer to page 2. ④ Contact Style P:Pin Contact S:Socket Contact ⑤ Contact Type C : Crimp Contact ⑥ Alternate Insert Position Omit : Standard Position W, X, Y, Z : Refer to page 3. ⑦ Plating /Finish D:Zinc Plating / Black Trivelent Chromium Treatment ⑧ Contact 0 : Less Contact (Available separately) CE01-1A22-14PCW-D0 ① ② ③ ④ ⑤ ⑥ ⑦ ⑧ Shell Size Number of Contact Part Number A V Contact Size L Min. Pin Insert Socket Insert 18 5 CE01-1A18-11 □ C-D0 28.87 1-20UNEF-2A # 12 46 43.0 10 CE01-1A18-1 □ C-D0 # 16 43 38.0 19 CE01-1A18-19A □ C-D0 # 20 40 36.5 20 7 CE01-1A20-15 □ C-D0 33.95 1 1/8-18UNEF-2A # 12 46 43.0 17 CE01-1A20-29 □ C-D0 # 16 43 38.0 30 CE01-1A20-30A □ C-D0 # 20 40 36.5 22 4 CE01-1A22-22 □ C-D0 35.22 1 1/4-18UNEF-2A # 8 48 48.0 8 CE01-1A22-23 □ C-D0 # 12 46 43.0 19 CE01-1A22-14 □ C-D0 # 16 43 38.0 24 7 CE01-1A24-10 □ C-D0 38.39 1 3/8-18UNEF-2A # 8 48 48.0 24 CE01-1A24-28 □ C-D0 # 16 43 38.0 52 CE01-1A24-52A □ C-D0 # 20 40 36.5 28 37 CE01-1A28-21 □ C-D0 44.74 1 5/8-18UNEF-2A # 16 43 38.0 73 CE01-1A28-73A □ C-D0 # 20 40 36.5 36 L Pre-mating Contact Position Symbol Master Keyway V Thread |
Similar Part No. - CE01-2A28-14SCW-D0 |
|
Similar Description - CE01-2A28-14SCW-D0 |