Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1575 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1575
Description  Integrated Circuit B/W TV Sound IF Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1575 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1575 Datasheet HTML 1Page - NTE Electronics NTE1575 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1575
Integrated Circuit
B/W TV Sound IF Amplifier
Features:
D Supply Voltage Range: VCC = 3V to 8V
Applications:
D Voice IF Amplifier
D Discriminator
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage (Note 1), VCC
8V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +75°C), PT
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OPerating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Recommended Operating Voltage is 5.5V Typ.
Electrical Characteristics: (VCC = 5.5V, fo = 4.5MHz, ∆f = ±25kHz, fm = 1kHz, TA = +25°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
13.9
17.0
21.8
mA
eo
Vin = 100dBµ
160
270
400
mVrms
Total Harmonic Distortion
THD
Vin = 100dBµ
0.3
1.0
%
–3dB Sensitivity Limit
Vin(lim)
20.0
37.5
dB
µ
AM Rejection Ratio
AMR
Vin = 60dBµ, f = 1kHz, MOD = 30%
35
dB
Signal–to–Noise Ratio
S/N
55
dB


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn