Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF961 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. BF961
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BF961 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VISHAY
BF961
Document Number 85002
Rev. 1.5, 25-Nov-04
Vishay Semiconductors
www.vishay.com
5
VDS = 15 V, ID = 5 to 20 mA, VG2S = 4 V, Z0 = 50 Ω
S11
S21
S12
S22
Figure 11. Input Reflection Coefficient
Figure 12. Forward Transmission Coefficient
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
0.2
0.5
1
2
5
700 MHz
100
50
300
500
12920
90°
180 °
–90 °
0.8
1.6
–150°
–120°
–60°
120°
60°
30°
12922
700MHz
200
400
50
–30 °
I = 20 mA
D
I = 10 mA
D
I =5mA
D
Figure 13. Reverse Transmission Coefficient
Figure 14. Output Reflection Coefficient
700 MHz
12921
90 °
180°
–90 °
0.04
0.08
–150 °
–120 °
–60°
–30°
120°
150°
60 °
30 °
600
300
12923
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
ı
0.2
0.5
1
2
5
700 MHz
100
300
500


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn