Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCA9500 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PCA9500
Description  8-bit I2C and SMBus I/O port with 2-kbit EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PCA9500 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Philips Semiconductors
Product data sheet
PCA9500
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
5
CONTROL REGISTER
The PCA9500 contains a single 8-bit register called the Control Register, which can be written and read via the I2C-bus. This register is sent
after a successful acknowledgment of the slave address.
It contains the I/O operation information.
I/O OPERATIONS (see also Figure 4)
Each of the PCA9500’s eight I/Os can be independently used as an input or output. Output data is transmitted to the port by the I/O WRITE
mode (see Figure 6). Input I/O data is transferred from the port to the microcontroller by the READ mode (See Figure 7).
S
0
1
0
0
A2
A1
A0
0
A
DATA 1
A
DATA 2
A
SDA
SCL
t pv
12
34
5
6
7
8
t pv
DATA 2 VALID
DATA 1 VALID
SW00548
ACKNOWLEDGE
FROM SLAVE
R/W
START CONDITION
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
SLAVE ADDRESS (I/O EXPANDER)
DATA TO PORT
DATA TO PORT
WRITE TO
PORT
DATA OUT
FROM PORT
Figure 6. I/O WRITE mode (output)
S
0
1
0
0
A2
A1
A0
1
A
DATA 1
A
DATA 4
1
SDA
t ph
t ps
DATA 4
P
DATA 2
DATA 3
SW00549
SLAVE ADDRESS (I/O EXPANDER)
DATA FROM PORT
DATA FROM PORT
READ FROM
PORT
DATA INTO
PORT
START CONDITION
ACKNOWLEDGE
FROM SLAVE
R/W
ACKNOWLEDGE
FROM MASTER
STOP
CONDITION
DATA 1
Figure 7. I/O READ mode (input)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn