Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C3V0 Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BZT52C3V0
Description  Zener Diode in a SOD-123 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BZT52C3V0 Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BZT52C3V0 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZT52CXXX
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 7
电性能参数 / Electrical Characteristics(Ta=25℃)
Type
Number
Marki
ng
Code
Zener Voltage Range
(Note 2)
Maximum Zener
mpedance (Note 3)
Maximum
Reverse
Current
(Note 2)
Typical
Temperature
Coefficient
@IZTC
mV/ºC
Test
Curre
nt IZTC
Vz @IZT
IZT
ZZT
@IZT
ZZK
@IZK
IZK
IR
@VR
Nom
(V)
Min
(V)
Max
(V)
mA
mA
uA
V
Min
Max
mA
BZT52C11
HWG
11
10.4
11.6
5
20
150
1
0.1
8
5.4
9
5
BZT52C12
HWH
12
11.4
12.7
5
25
150
1
0.1
8
6
10
5
BZT52C13
HWI
13
12.4
14.1
5
30
170
1
0.1
8
7
11
5
BZT52C15
HWJ
15
13.8
15.6
5
30
200
1
0.1
10.5
9.2
13
5
BZT52C16
HWK
16
15.3
17.1
5
40
200
1
0.1
11.2
10.4
14
5
BZT52C18
HWL
18
16.8
19.1
5
45
225
1
0.1
12.6
12.4
16
5
BZT52C20
HWM
20
18.8
21.2
5
55
225
1
0.1
14
14.4
18
5
BZT52C22
HWN
22
20.8
23.3
5
55
250
1
0.1
15.4
16.4
20
5
BZT52C24
HWO
24
22.8
25.6
5
70
250
1
0.1
16.8
18.4
22
5
BZT52C27
HWP
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
2
BZT52C30
HWQ
30
28
32
2
80
300
0.5
0.1
21
24.4
29.4
2
BZT52C33
HWR
33
31
35
2
80
325
0.5
0.1
23.1
27.4
33.4
2
BZT52C36
HWS
36
34
38
2
90
350
0.5
0.1
25.2
30.4
37.4
2
BZT52C39
HWT
39
37
41
2
130
350
0.5
0.1
27.3
33.4
41.2
2
Notes:
1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2.
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1kHz.


Similar Part No. - BZT52C3V0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C3V0 TSC-BZT52C3V0 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Diodes Incorporated
BZT52C3V0 DIODES-BZT52C3V0 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BZT52C3V0 TSC-BZT52C3V0 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
logo
SeCoS Halbleitertechnol...
BZT52C3V0 SECOS-BZT52C3V0 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Vishay Siliconix
BZT52C3V0 VISHAY-BZT52C3V0 Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 26-Feb-13
More results

Similar Description - BZT52C3V0

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C20 FOSHAN-BZT52C20 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C27 FOSHAN-BZT52C27 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B4V7 FOSHAN-BZT52B4V7 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B5V6 FOSHAN-BZT52B5V6 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B6V8 FOSHAN-BZT52B6V8 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B24 FOSHAN-BZT52B24 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B36 FOSHAN-BZT52B36 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com