Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C3V0 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BZT52C3V0
Description  Zener Diode in a SOD-123 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BZT52C3V0 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BZT52C3V0 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BZT52C3V0 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BZT52CXXX
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 7
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Forward Voltage (Note 2) ( IF=10mA)
VF
0.9
V
Power Dissipation(Note 1)
PD
500
mW
Typical Thermal Resistance Junction to
Ambient
RθJA
305
/W
Junction and Storage Temperature
Range
Tj,Tstg
-65~150
Type Number
Mark
-ing
Code
Zener Voltage Range
(Note 2)
Maximum Zener
mpedance (Note 3)
Maximum
Reverse
Current
(Note 2)
Typical
Temperature
Coefficient
@IZTC
mV/ºC
Test
Curre
nt IZTC
Vz @IZT
IZT
ZZT
@IZT
ZZK
@IZK
IZK
IR
@VR
Nom
(V)
Min
(V)
Max
(V)
mA
mA
uA
V
Min
Max
mA
BZT52C2V4
HWX
2.4
2.2
2.6
5
100
600
1
50
1
-3.5
0
5
BZT52C2V7
HW1
2.7
2.5
2.9
5
100
600
1
20
1
-3.5
0
5
BZT52C3V0
HW2
3.0
2.8
3.2
5
95
600
1
10
1
-3.5
0
5
BZT52C3V3
HW3
3.3
3.1
3.5
5
95
600
1
5
1
-3.5
0
5
BZT52C3V6
HW4
3.6
3.4
3.8
5
90
600
1
5
1
-3.5
0
5
BZT52C3V9
HW5
3.9
3.7
4.1
5
90
600
1
3
1
-3.5
0
5
BZT52C4V3
HW6
4.3
4
4.6
5
90
600
1
3
1
-3.5
0
5
BZT52C4V7
HW7
4.7
4.4
5
5
80
500
1
3
2
-3.5
0.2
5
BZT52C5V1
HW8
5.1
4.8
5.4
5
60
480
1
2
2
-2.7
1.2
5
BZT52C5V6
HW9
5.6
5.2
6
5
40
400
1
1
2
-2
2.5
5
BZT52C6V2
HWA
6.2
5.8
6.6
5
10
150
1
3
4
0.4
3.7
5
BZT52C6V8
HWB
6.8
6.4
7.2
5
15
80
1
2
4
1.2
4.5
5
BZT52C7V5
HWC
7.5
7
7.9
5
15
80
1
1
5
2.5
5.3
5
BZT52C8V2
HWD
8.2
7.7
8.7
5
15
80
1
0.7
5
3.2
6.2
5
BZT52C9V1
HWE
9.1
8.5
9.6
5
15
100
1
0.5
6
3.8
7
5
BZT52C10
HWF
10
9.4
10.6
5
20
150
1
0.2
7
4.5
8
5
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BZT52C3V0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C3V0 DIODES-BZT52C3V0 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BZT52C3V0 TSC-BZT52C3V0 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C3V0 TSC-BZT52C3V0 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
logo
SeCoS Halbleitertechnol...
BZT52C3V0 SECOS-BZT52C3V0 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Vishay Siliconix
BZT52C3V0 VISHAY-BZT52C3V0 Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 26-Feb-13
More results

Similar Description - BZT52C3V0

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C20 FOSHAN-BZT52C20 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C27 FOSHAN-BZT52C27 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B4V7 FOSHAN-BZT52B4V7 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B5V6 FOSHAN-BZT52B5V6 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B6V8 FOSHAN-BZT52B6V8 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B24 FOSHAN-BZT52B24 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B36 FOSHAN-BZT52B36 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com