Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC06-15DC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC06-15DC
Description  6 Watt Single/Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC06-15DC Datasheet(HTML) 1 Page - Recom International Power

  RAC06-15DC Datasheet HTML 1Page - Recom International Power RAC06-15DC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC06-C
6 Watt
Single/Dual
Output
Very Compact AC-DC Power Supply
6 Watt PCB Mount Package
Single and Dual Output Versions
Universal Input Voltage Range
Class II Power Supply with 3kVAC Isolation
Low Output Ripple and Noise
Short Circuit, Overload, Overtemp Protected
Low Standby Power Consumption
UL/cUL Certified, CE Marked
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
(1+2)
RAC06-3.3SC*
80-264
3.3
1500
70
12000µF
RAC06-05SC*
80-264
5
1200
75
6800µF
RAC06-09SC*
80-264
9
667
77
2500µF
RAC06-12SC*
80-264
12
500
78
1500µF
RAC06-15SC*
80-264
15
400
79
750µF
RAC06-24SC*
80-264
24
250
79
330µF
RAC06-05DC*
80-264
±5
±600
75
±3300µF
RAC06-12DC*
80-264
±12
±250
78
±680µF
RAC06-15DC*
80-264
±15
±200
79
±330µF
* add suffix /W for wired version
Input Voltage Range (with derating)
80-264VAC or 115-370VDC
Rated Power
6 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115/230VAC
120mA / 78mA typ.
No Load Power Consumption
250mW max.
Inrush Current (<2ms)
115/230VAC
30A/60A max.
Holdup Time (Full Load)
115VAC
10ms typ.
Leakage Current
0.85mA max.
Output Voltage Accuracy (Full load)
±2% max.
Line Voltage Regulation (low line, high line at full load)
±0.3% typ.
Load Voltage Regulation ( 5% to 100% full load )
±0.5% typ.
Output Ripple and Noise (20MHz BW)
3.3V Output
120mVp-p max.
(with 100nF across each output)
All Others
150mVp-p max.
Operating Frequency (full load)
132kHz typ.
Minimum Load = 0%
specifications valid for 5% minimum load only
RMS Isolation Voltage (input to output)
3kVAC / 1minute
Isolation Resistance (input to output)
1 G
Ω min.
Isolation Capacitance (input to output)
1000pF typ.
Short Circuit Protection
Hiccup, Automatic Restart
Overload Protection
115VAC/230VAC
115% ~ 145%
Output Overvoltage Protection
Zener Diode Clamp
(set at 4.8V - 5.4V for 3.3V and others 110% - 135% of its Nominal Output Voltage)
Over Voltage Category
OVC II
continued on next page
Description
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25
0
55
60
70
75 85 95
Natural Convection
Compact, low cost, high efficiency, universal input switching AC/DC power
module for PCB or wired mounting with single or dual outputs.
CE marked and UL/cUL Certified.
EN-60950-1 Certified
UL-60950-1 Certified
RoHS
2011/65/EU
6/6
Specifications (measured at TA 25°C, full load after warm-up)
E224736
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
www.recom-power.com
PA-33
REV: 0/2015


Similar Part No. - RAC06-15DC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC06-15DC RECOM-RAC06-15DC Datasheet
81Kb / 2P
   Very Compact AC-DC Power Supply
RAC06-15DC RECOM-RAC06-15DC Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
More results

Similar Description - RAC06-15DC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
REC6-R RECOM-REC6-R Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC6 RECOM-REC6 Datasheet
115Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
   6 Watt DIP24 Single and Dual Output
REV.: 0/2023
logo
Power-One
DUD512 POWER-ONE-DUD512 Datasheet
45Kb / 2P
   DUAL OUTPUT, 6 WATT
logo
RSG Electronic Componen...
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR7-S06-D06 RSG-RR7-S06-D06 Datasheet
170Kb / 3P
   6 Watt 4:1 regulated single & dual output
logo
Recom International Pow...
RBM-1.81.8S RECOM-RBM-1.81.8S_06 Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com