Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC05-S-DC Datasheet(PDF) 3 Page - Recom International Power

Part # RAC05-S-DC
Description  5 Watt Single / Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-S-DC Datasheet(HTML) 3 Page - Recom International Power

  RAC05-S-DC Datasheet HTML 1Page - Recom International Power RAC05-S-DC Datasheet HTML 2Page - Recom International Power RAC05-S-DC Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RAC05-S_DC
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Single 50.90 / Dual 53.5
15.65
5.0
45.72
6.1
0.75±0.25
Single 25.5 / Dual 27.8
20.32
0.75±0.25
Single 12.75
/ Dual 13.9
10.16
10.16
1
2
3
4
5
10.16
10.16
Bottom View
Top View
1
2
3
4
(5)
2.54
2.54
10.0
This area avoid I/O PCB trace or components
1.2+0.2/-0.1
Single 50.90 / Dual 53.5
15.65
5.0
45.72
88.0
0.75±0.25
10.0
1.0mm
Pin Connections
Pin #
Single Out
Dual Out
1
VAC in (N)
VAC in (N)
2
VAC in (L)
VAC in (L)
3
+VDC out
+VDC out
4
-VDC out
Com
5
no Pin
-VDC out
NC = No Connection
xx.x = ±0.5mm
xx.xx = ±0.25mm
Wire Connections
Pin #
Single out
Dual out
1 (Blue)
AWG#22
1015
VAC in (N)
VAC in (N)
2 (Brown) AWG#22
1015
VAC in (L)
VAC in (L)
3 (Red)
AWG#22
1007
+VDC out
+VDC out
4 (Black)
AWG#22
1007
-VDC out
Common
5 (Orange) AWG#22
1007
no Wire
-VDC out
NC = No Connection
xx.x = ±0.5mm
xx.xx = ±0.25mm
Recommended Footprint Details
PCB Mout Version (Standard)
Wire Version with Suffix „/W“ (Standard)
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-32
www.recom-power.com
REV: 0/2015


Similar Part No. - RAC05-S-DC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-S-DA RECOM-RAC05-S-DA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
More results

Similar Description - RAC05-S-DC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
   5 Watt Single & Dual Output
RAC05-S-DA RECOM-RAC05-S-DA Datasheet
137Kb / 2P
   5 Watt Single/Dual Output
RAC05-C RECOM-RAC05-C Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
R5M RECOM-R5M Datasheet
779Kb / 5P
   5 Watt SMD Single & Dual Output
REV.: 0/2023
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com