Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC04-09SC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC04-09SC
Description  4 Watt Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-09SC Datasheet(HTML) 1 Page - Recom International Power

  RAC04-09SC Datasheet HTML 1Page - Recom International Power RAC04-09SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 Watt
Single
Output
Universal Input 80-264VAC or 115-370VDC
Operating Temperature Range of -25°C to +85°C
Isolated Output 3kVAC / 1 min
Short Circuit and Overcurrent Protection
Low Output Ripple & Noise
Low Cost AC/DC Power Supply
EN, UL and CE certified
Features
Regulated
Converters
Selection Guide
Descritption
Part
Input
Output
Output
Efficiency
Max.
Number
Voltage
Voltage
Current max.
Typ.
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load (1+2)
RAC04-3.3SC
80-264
3.3
1200
67
5600µF
RAC04-05SC
80-264
5
800
72
2000µF
RAC04-09SC
80-264
9
444
76
1500µF
RAC04-12SC
80-264
12
333
74
560µF
RAC04-15SC
80-264
15
267
77
470µF
RAC04-24SC
80-264
24
167
77
150µF
Specifications (measured at TA 25°C, nominal input voltage, full load after warm-up)
POWERLINE
AC/DC-Converter
with 3 year Warranty
IEC-60950-1 certified
UL-60950-1 certified
RAC04-C
100
60
40
25
0
80
Ambient Temperature Range (°C)
-20
20
0
40
60
80
100
120
Safe Operating Area
70
85
50
-25
75
20
E224736
Input Voltage Range (with Derating)
80-264VAC or 115-370VDC
Input Frequency (for AC Input)
47-63Hz
Input Current (Full Load)
115VAC / 230VAC
110mA / 72mA max.
Inrush Current
115VAC / 230VAC
30A / 60A max.
External Input Fuse Required
Recommended Value
1A - 1.5A / Slow Blow Type
No Load Power Consumption
80-264VAC
100mW typ. / 200mW max.
Output Voltage (Vout nom.)
3.3V-24V
Output Current Range
167mA - 1200mA
Output Voltage Tolerance
±2% typ. / ±5% max.
Minimum Load
10% min.
Output Ripple & Noise
(3)
(Full Load)115VAC / 230VAC @ 20MHz limited
200mVp-p max.
Line Voltage Regulation
LL-HL at full Load
±0.5% typ. / ±1% max.
Load Voltage Regulation
10%-100% Load
±1.5% typ. / ±5% max.
Overcurrent LImit
105% - 155%
Switching Frequency
at Full Load
40kHz typ.
Isolation Voltage
Input-Output
3kVAC / 1 minute
Leakage Current
0.85mA max.
Isolation Resistance
Input-Output
1G
Ω min
Isolation Capacitance
Input-Output
1000pF typ.
Short Circuit Protection
Hiccup, Auto Restart
Over Voltage Category
OVC II
Operating Temperature Range
(4)
natural convection, without derating
-20°C to +60°C
natural air convection, with derating
-25°C to +85°C
Storage Temperature Range
-40°C to +100°C
Case Material
UL94V-0 black plastic
Potting Material
Silicone
Relative Humidity
95% RH max.
Package Weight
39g typ.
Package Quantity
12 pcs
continued on next page
The new RAC04-SC modules are available with output voltages of 3.3, 5, 9, 12, 15, and
24V, and the input-to-output isolation is approximately 3kVAC/1min. With a standby
consumption of typical 100mW, the mini power supplies are particularly suitable for
energy-saving sleep mode and standby applications. Because of its compact design
(height <17 mm), it is a versatile solution for home automation and other similar
applications. Complete with an integrated input filter, the series has enhanced EMI
performance and complies with EN55022, class B. The mini power supplies are also
protected against short circuit with fully automatic restart after the error has been solved.
The converters are EN/UL60950-1 certified and come complete with a 3 year warranty.
RoHS
2011/65/EU
6/6
Derating-Graph
(Ambient Temperature)
PA-16
www.recom-power.com
REV: 1/2015


Similar Part No. - RAC04-09SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-09SC RECOM-RAC04-09SC Datasheet
102Kb / 2P
   4 Watt Single Output
RAC04-09SC RECOM-RAC04-09SC Datasheet
91Kb / 2P
   Universal Input 80-264VAC or 115-370VDC
RAC04-09SC/W RECOM-RAC04-09SC/W Datasheet
91Kb / 2P
   4 Watt Single Output
RAC04-09SC/W RECOM-RAC04-09SC/W Datasheet
91Kb / 2P
   4 Watt Single Output
RAC04-09SCW RECOM-RAC04-09SCW Datasheet
91Kb / 2P
   Universal Input 80-264VAC or 115-370VDC
More results

Similar Description - RAC04-09SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-C-W RECOM-RAC04-C-W Datasheet
91Kb / 2P
   4 Watt Single Output
RAC04-SC-W RECOM-RAC04-SC-W Datasheet
91Kb / 2P
   4 Watt Single Output
RAC04-3.3SC RECOM-RAC04-3.3SC Datasheet
102Kb / 2P
   4 Watt Single Output
RAC04-K-277 RECOM-RAC04-K-277 Datasheet
1Mb / 7P
   4 Watt Single Output
RAC04-S-DC-230 RECOM-RAC04-S-DC-230 Datasheet
90Kb / 3P
   4 Watt Single Dual Output
RAC04-05SA RECOM-RAC04-05SA Datasheet
123Kb / 2P
   4 Watt Single/Dual Output
RAC04-C-230 RECOM-RAC04-C-230 Datasheet
90Kb / 3P
   4 Watt Single Dual Output
RAC04-C RECOM-RAC04-C Datasheet
492Kb / 6P
   4 Watt Single and Dual Output
logo
RSG Electronic Componen...
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
logo
Recom International Pow...
RAC04-C-277 RECOM-RAC04-C-277 Datasheet
453Kb / 6P
   4 Watt Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com