Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE02-10SLBS-S-D Datasheet(PDF) 4 Page - DDK Ltd.

Part # CE02-10SLBS-S-D
Description  Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE02-10SLBS-S-D Datasheet(HTML) 4 Page - DDK Ltd.

  CE02-10SLBS-S-D Datasheet HTML 1Page - DDK Ltd. CE02-10SLBS-S-D Datasheet HTML 2Page - DDK Ltd. CE02-10SLBS-S-D Datasheet HTML 3Page - DDK Ltd. CE02-10SLBS-S-D Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Unit:mm
http://www.ddknet.co.jp
CE02-6A Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Waterproof Cable Clamp
4
○ Waterproof Rubber Bushing
(D)
C
1.5
0.7
品名構成
CE3057−10A−1−D
シリ−ズ名
 型式
 ケ−ブルクランプ
(防水用ゴムブッシング付)
クランプサイズ
4A,10A,12A,
16A,20A,24A
添付ブッシング(適合ケーブル範囲)
 (表−1参照)
外殻色相
   D:三価クロメート(黒)
(※1)
φE
Thread
A3
表−1
CE3057−××A−×−D
K−511703
(防水ケ−ブルクランプ)
品  名
適  合
シェルサイズ
取付ねじ
添付ブッシング
品 名
全 長
外 径
(D)
E
G
有効
ねじ長さ
適合ケーブル範囲
(参考)
F
CE3057−4A−1−D
CE3057−8A−2−D
CE3057−10A−1−D
CE3057−10A−2−D
CE3057−10A−3−D
CE3057−12A−1−D
CE3057−12A−2−D
CE3057−12A−3−D
CE3057−12A−7−D
CE3057−16A−1−D
CE3057−16A−2−D
CE3057−16A−4−D
CE3057−20A−1−D
CE3057−20A−2−D
CE3057−20A−3−D
10SL,12S
16S,16
18
20
22
24
28
32
20.62
23.83
23.83
23.83
26.19
27.79
20.6
27.8
30.1
35
42.1
51.6
10.31
10.31
10.31
10.31
10.31
11.91
(41.3)
(41.3)
(41.3)
(41.3)
(41.3)
(43)
8.0
14.0
15.8
19.0
23.8
32.0
5.6
10.5
14.1
11
8.7
16
13
10
17
19.1
15.5
21.5
23.8
26.6
22.5
29.4
22.2
31.7
37.3
42.9
51.6
CE3420-4-1
CE3420-8-2
CE3420-10-1
CE3420-10-2
CE3420-10-3
CE3420-12-1
CE3420-12-2
CE3420-12-3
CE3420-12-7
CE3420-16-1
CE3420-16-2
CZY005-GB-3
CE3420-20-1
CE3420-20-2
CE3420-20-3
∅3.6∼∅5.6
∅8.5∼∅10.5
∅10.5∼∅14.1
∅8.5∼∅11.0
∅6.5∼∅8.7
∅12.5∼∅16.0
∅9.5∼∅13.0
∅6.8∼∅10.0
∅14.5∼∅17.0
∅15.0∼∅19.1
∅13∼∅15.5
∅19.1∼∅21.5
∅22.0∼∅23.8
∅24.0∼∅26.6
∅21.0∼∅22.5
316−18UNEF−2B
1-20UNEF-2B
−24UNEF−2B
20
CE3057−16A−6−D
CE3420-16-6
∅18.5∼∅20.0
CE3420-6-1
∅7.0∼∅9.0
27
9
10.8
24.6
22.20
10.31 (41.3)
14S
CE3057−6A−1−D
12
CE3057−8A−1−D
CE3420-8-1
∅10.0∼∅12.0
CE3057−16A−7−D
13.5
CE3420−16−7
∅11.5∼∅13.5
CE3057−16A−8−D
CZY005−GB−5
∅10.5∼∅12.5
12.5
CE3420-24-2
∅27.5∼∅29.6
29.6
CE3057−24A−2−D
32.5
CE3057−24A−1−D
CE3420-24-1
∅30.0∼∅32.5
58.0
34.6
(45.8)
29.4 56.4
13.5
36
2-18UNS-2B
−20UNEF−2B
−20UNEF−2B
716−18UNEF−2B
34−18UNS−2B
∅29.0∼∅31.0
AN3420−24(D264)
31
CE3057−24A−3−D
( Outer Dimension
of Bushing )
  
Part Number Applicable
Shell Size
A
B
C
(D)
E
F
G
V
Bushing P/N
Applicable Cable
CE3057-4A-1-D
10SL,12S 20.62
20.6
10.31 (41.3) 8.0
5.6
22.2
5/8-24UNEF-2B
CE3420-4-1
φ 3.6 ~φ 5.6
CE3057-10A-1-D
18
23.83
30.1
10.31 (41.3) 15.8
14.1
31.7
1-20UNEF-2B
CE3420-10-1 φ 10.5 ~φ 14.1
CE3057-10A-2-D
11.0
CE3420-10-2 φ 8.5 ~φ 11.0
CE3057-10A-3-D
8.7
CE3420-10-3 φ 6.5 ~φ 8.7
CE3057-12A-1-D
20
22
23.83
35.0
10.31 (41.3) 19.0
16.0
37.3
1 3/16-18UNEF2B
CE3420-12-1 φ 12.5 ~φ 16.0
CE3057-12A-2-D
13.0
CE3420-12-2 φ 9.5 ~φ 13.0
CE3057-12A-3-D
10.0
CE3420-12-3 φ 6.8 ~φ 10.0
CE3057-12A-7-D
17.0
CE3420-12-7 φ 14.5 ~φ 17.0
CE3057-16A-1-D
24
28
26.19
42.1
10.31 (41.3) 23.8
19.1
42.9
1 7/16-18UNEF-2B
CE3420-16-1 φ 15.0 ~φ 19.1
CE3057-16A-2-D
15.5
CE3420-16-2 φ 13.0 ~φ 15.5
CE3057-16A-4-D
21.5
CZY005-GB-3 φ 19.1 ~φ 21.5
CE3057-16A-6-D
20.0
CE3420-16-6 φ 18.5 ~φ 20.0
CE3057-16A-7-D
13.5
CE3420-16-7 φ 11.5 ~φ 13.5
CE3057-16A-8-D
12.5
CZY005-GB-5 φ 10.5 ~φ 12.5
CE3057-10A-1-D
② ③
① Clamp Size
4A, 10A, 12A, 16A
② Bushing Size
Rubber Bushing
(Refer to the applicable cable size.)
③ Finish
D:Trivalent Chromium
Treatment (Black)
CE3057-□□ A- □ -D is a waterproof cable clamp for use with a plug. The cable clamp has a waterproof rubber
bushing. Make sure to use a cabtyre cable meeting one of the applicable cable size ranges as shown below.
The cable clamp should be used together with a waterproof backshell.
A3
D
Part Number
φA
φB
φC
D
 Friction Washer
CE3420-4-1
5.6
7.5
12.9
38.3
MS3057-4W
CE3420-10-1
14.1
15.5
22.2
38.5
MS3057-10W
CE3420-10-2
11.0
CE3420-10-3
8.7
CE3420-12-1
16.0
18.6
26.9
39.3
MS3057-12W
CE3420-12-2
13.0
CE3420-12-3
10.0
CE3420-12-7
17.0
CE3420-16-1
19.1
23.4
33.2
40.0
MS3057-16W
CE3420-16-2
15.5
CE3420-16-6
20.0
CE3420-16-7
13.5
CE3420-10-1
① ②
① Cable Clamp Size
4, 10, 12, 16
② Bushing Size
Refer to table 1.
CE3420- □□ A- □ is the rubber bushing which combines with the
cable clamp(CE3057- □□ A- □ -D) to constrict the cable for waterproof.
The fliction washer is available separately.
Table 1


Similar Part No. - CE02-10SLBS-S-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-10SLBS-S-D DDK-CE02-10SLBS-S-D Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-10SLBS-S-D DDK-CE02-10SLBS-S-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
CE02-10SLBS-S-D DDK-CE02-10SLBS-S-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
More results

Similar Description - CE02-10SLBS-S-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3100A10SL-10PW DDK-DMS3100A10SL-10PW Datasheet
2Mb / 18P
   MIL-DTL-5015 Style Circular Connectors
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com