Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN629 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # AN629
Description  Digitally Adjustable Voltage References
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN629 Datasheet(HTML) 5 Page - Maxim Integrated Products

  AN629 Datasheet HTML 1Page - Maxim Integrated Products AN629 Datasheet HTML 2Page - Maxim Integrated Products AN629 Datasheet HTML 3Page - Maxim Integrated Products AN629 Datasheet HTML 4Page - Maxim Integrated Products AN629 Datasheet HTML 5Page - Maxim Integrated Products AN629 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 6. Plot of Figure 5 circuit of reference voltage output versus pot A and pot B (32-by-32
taps used instead of 256-by-256 taps for clarity)
Summary
Three circuit topologies were presented that provide the capability to digitally adjust the
MAX6160's output voltage. The first topology provides the capability to coarsely adjust the
output voltage over a wide range using a 32- or 256-tap digital pot. The second topology is
capable of finely adjusting the output voltage about a single output voltage by using two fixed
resistors and a 32-tap digital pot. The third topology can finely tune the output voltage over a
wide range by using a dual, 256-tap digital pot. Table 2 summarizes the initial accuracy for each
circuit presented.
Table 2. Summary of Initial Accuracy
Digital Pot Features
Output
Voltage
MAX5462
32T, 100
Kilohms
MAX5401
256T, 100
Kilohms
MAX5160
32T, 50
Kilohms,
Two
Resistors
MAX5415
256T, 100
Kilohms,
Dual
2.048V
5%
0.6%
0.5%
0.06%
2.500V
7%
0.8%
0.5%
0.03%
4.096V
11%
1.3%
0.5%
0.08%


Similar Part No. - AN629

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6291 PANASONIC-AN6291 Datasheet
86Kb / 7P
   Dual dbx II Noise Reduction System ICs
logo
List of Unclassifed Man...
AN6291 ETC2-AN6291 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN6291S PANASONIC-AN6291S Datasheet
86Kb / 7P
   Dual dbx II Noise Reduction System ICs
More results

Similar Description - AN629

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185QML NSC-LM185QML Datasheet
713Kb / 15P
   Adjustable Micropower Voltage References
LM385-ADJ NSC-LM385-ADJ Datasheet
713Kb / 14P
   Adjustable Micropower Voltage References
LM185 NSC-LM185 Datasheet
747Kb / 14P
   Adjustable Micropower Voltage References
LM185 NSC-LM185_08 Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
logo
Texas Instruments
LM185-ADJ TI-LM185-ADJ_15 Datasheet
1Mb / 23P
[Old version datasheet]   Adjustable Micropower Voltage References
5962-9091402QYA TI-5962-9091402QYA Datasheet
459Kb / 15P
[Old version datasheet]   LM185QML Adjustable Micropower Voltage References
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385MX TI-LM385MX Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385Z TI-LM385Z Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com