Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2381AIDGKT Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2381AIDGKT
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2381AIDGKT Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA2381AIDGKT Datasheet HTML 1Page - Burr-Brown (TI) OPA2381AIDGKT Datasheet HTML 2Page - Burr-Brown (TI) OPA2381AIDGKT Datasheet HTML 3Page - Burr-Brown (TI) OPA2381AIDGKT Datasheet HTML 4Page - Burr-Brown (TI) OPA2381AIDGKT Datasheet HTML 5Page - Burr-Brown (TI) OPA2381AIDGKT Datasheet HTML 6Page - Burr-Brown (TI) OPA2381AIDGKT Datasheet HTML 7Page - Burr-Brown (TI) OPA2381AIDGKT Datasheet HTML 8Page - Burr-Brown (TI) OPA2381AIDGKT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
5
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
All specifications at TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
INPUT BIAS CURRENT
vs COMMON−MODE VOLTAGE
Common−Mode Voltage (V)
−I
B
+I
B
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
50
40
30
20
10
0
−10
−20
−30
−40
−50
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V
S =5.5V)
510
15
20
25
0
Output Current (mA)
(V+)
(V+)
− 1
(V+)
− 2
(V
−)+ 2
(V
−)+ 1
(V
−)
−40_C
+125
_C
+25
°C
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V
S =2.7V)
5
10
152025
0
(V+)
(V+)
− 0.35
(V+)
− 0.70
(V+)
−1.05
(V+)
−1.40
(V
−) + 1.40
(V
−) + 1.05
(V
−) + 0.70
(V
−) + 0.35
(V
−)
Output Current (mA)
+125
_C
−40_C
+25
_C
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
GAIN BANDWIDTH vs POWER SUPPLY VOLTAGE
3.5
4.0
3.0
4.5
5.0
5.5
2.5
20
19
18
17
16
15
14
13
12
Power Supply Voltage (V)


Similar Part No. - OPA2381AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2381AIDGKT TI1-OPA2381AIDGKT Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
OPA2381AIDGKTG4 TI1-OPA2381AIDGKTG4 Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
More results

Similar Description - OPA2381AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
   Low-power FDDI transimpedance amplifier
1995 Apr 26
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
[Old version datasheet]   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
[Old version datasheet]   Precision, High-Speed Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657 Datasheet
433Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
Rev 2; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com