Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB608A Datasheet(PDF) 9 Page - OPTEK Technologies

Part # OPB608A
Description  Reflective Object Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB608A Datasheet(HTML) 9 Page - OPTEK Technologies

  OPB608A Datasheet HTML 1Page - OPTEK Technologies OPB608A Datasheet HTML 2Page - OPTEK Technologies OPB608A Datasheet HTML 3Page - OPTEK Technologies OPB608A Datasheet HTML 4Page - OPTEK Technologies OPB608A Datasheet HTML 5Page - OPTEK Technologies OPB608A Datasheet HTML 6Page - OPTEK Technologies OPB608A Datasheet HTML 7Page - OPTEK Technologies OPB608A Datasheet HTML 8Page - OPTEK Technologies OPB608A Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Optek Technology
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Reflective Object Sensor
OPB608A, OPB608B, OPB608C, OPB608R, OPB608V
Issue A
06.04
Page 9 of 9
Ordering Information
OPB608A—880nm LED, IC(ON) 2.0 mA min.
OPB608B—880nm LED, IC(ON) 1.0 mA min, 4.0 mA max.
OPB608C—880nm LED, IC(ON) 1.0 mA min
OPB608R—650nm LED, IC(ON) 0.5 mA min, 6.0 mA max.
OPB608V—850nm VCSEL, IC(ON) 5.0 mA min.
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Methanol or isopropanol are recommended as cleaning agents. The plastic housing is soluble in chlorinated hydrocarbons and keytones.
0.100 [2.54]
0.087 [2.21]
0.120 [3.05]
0.200 [5.08]
0.185 [4.70]
0.200 [5.08]
0.125 [3.18]
0.173 [4.39]
0.250 [6.35]
0.087 [2.21]
CL


Similar Part No. - OPB608A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB608A OPTEK-OPB608A Datasheet
223Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
TT Electronics.
OPB608A TTELEC-OPB608A Datasheet
782Kb / 5P
   Reflective Object Sensor
More results

Similar Description - OPB608A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com