Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA381AIDRBT Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA381AIDRBT
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA381AIDRBT Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA381AIDRBT Datasheet HTML 1Page - Burr-Brown (TI) OPA381AIDRBT Datasheet HTML 2Page - Burr-Brown (TI) OPA381AIDRBT Datasheet HTML 3Page - Burr-Brown (TI) OPA381AIDRBT Datasheet HTML 4Page - Burr-Brown (TI) OPA381AIDRBT Datasheet HTML 5Page - Burr-Brown (TI) OPA381AIDRBT Datasheet HTML 6Page - Burr-Brown (TI) OPA381AIDRBT Datasheet HTML 7Page - Burr-Brown (TI) OPA381AIDRBT Datasheet HTML 8Page - Burr-Brown (TI) OPA381AIDRBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Voltage Supply
+7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals(2), Voltage
(V−) −0.5V to (V+) + 0.5V
. . . . .
Current
±10mA
. . . . . . . . . . . . . . . . . . . . .
Short-Circuit Current(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−40
°C to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
OPA381 ESD Rating (Human Body Model)
2000V
. . . . . . . . . . . . . . .
OPA2381 ESD Rating (Human Body Model)
1500V
. . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Input terminals are diode clamped to the power-supply rails. Input
signals that can swing more than 0.5V beyond the supply rails
should be current limited to 10mA or less.
(3) Short-circuit to ground; one amplifier per package.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
OPA381
MSOP-8
DGK
−40
°C to +125°C
A64
OPA381AIDGKT
Tape and Reel, 250
OPA381
MSOP-8
DGK
−40
°C to +125°C
A64
OPA381AIDGKR
Tape and Reel, 2500
OPA381
DFN-8
DRB
−40
°C to +125°C
A65
OPA381AIDRBT
Tape and Reel, 250
OPA381
DFN-8
DRB
−40
°C to +125°C
A65
OPA381AIDRBR
Tape and Reel, 3000
OPA2381
MSOP-8
DGK
−40
°C to +125°C
A62
OPA2381AIDGKT
Tape and Reel, 250
OPA2381
MSOP-8
DGK
−40
°C to +125°C
A62
OPA2381AIDGKR
Tape and Reel, 2500
OPA2381
DFN-8
DRB
−40
°C to +125°C
A63
OPA2381AIDRBT
Tape and Reel, 250
OPA2381
DFN-8
DRB
−40
°C to +125°C
A63
OPA2381AIDRBR
Tape and Reel, 3000
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
PIN ASSIGNMENTS
DFN−8
Top View
1
2
3
4
8
7
6
5
NC(1)
V+
Out
NC(1)
NC(1)
−In
+In
V
OPA381
MSOP−8
1
2
3
4
8
7
6
5
V+
Out B
In B
+In B
Out A
In A
+In A
V
OPA2381
MSOP−8
1
2
3
4
8
7
6
5
NC(1)
V+
Out
NC(1)
NC(1)
−In
+In
V
OPA381
Exposed
Thermal
Die Pad
on
Underside
1
2
3
4
8
7
6
5
V+
Out B
−In B
+In B
Out A
−In A
+In A
V
OPA2381
Exposed
Thermal
Die Pad
on
Underside
DFN−8
NOTE: (1) NC indicates no internal connection.


Similar Part No. - OPA381AIDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA381AIDRBT TI1-OPA381AIDRBT Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
OPA381AIDRBTG4 TI1-OPA381AIDRBTG4 Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
More results

Similar Description - OPA381AIDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
   Low-power FDDI transimpedance amplifier
1995 Apr 26
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
[Old version datasheet]   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
[Old version datasheet]   Precision, High-Speed Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657 Datasheet
433Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
Rev 2; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com