Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2607U Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2607U
Description  Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2607U Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA2607U Datasheet HTML 1Page - Burr-Brown (TI) OPA2607U Datasheet HTML 2Page - Burr-Brown (TI) OPA2607U Datasheet HTML 3Page - Burr-Brown (TI) OPA2607U Datasheet HTML 4Page - Burr-Brown (TI) OPA2607U Datasheet HTML 5Page - Burr-Brown (TI) OPA2607U Datasheet HTML 6Page - Burr-Brown (TI) OPA2607U Datasheet HTML 7Page - Burr-Brown (TI) OPA2607U Datasheet HTML 8Page - Burr-Brown (TI) OPA2607U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
®
OPA2607
ABSOLUTE MAXIMUM RATINGS
Power Supply .............................................................................
±16.5V
DC
Internal Power Dissipation(1) ............................ See Thermal Information
Differential Input Voltage .....................................................................
±5V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: U, N ................................ –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +260
°C
Junction Temperature (TJ ) ........................................................... +175°C
ESD Rating (Human Body Model) .................................................. 4000V
(Machine Model) ........................................................... 300V
NOTE:: (1) Packages must be derated based on specified
θ
JA. Maximum TJ
must be observed.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from perfor-
mance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet published specifica-
tions.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PIN CONFIGURATIONS
Top View
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
OPA2607H
PSO-8
182-1
–40
°C to +85°C
OPA2607H
OPA2607H
Rails
"
"
"
"
"
OPA2607H/2K5
Tape and Reel
OPA2607U
SO-8
182
"
OPA2607U
OPA2607U
Rails
"
"
"
"
"
OPA2607U/2K5
Tape and Reel
OPA2607N
PSO-14
235-1
"
OPA2607N
Contact Factory
Rails
"
"
"
"
"
Contact Factory
Tape and Reel
NOTE: (1) Models with a slash (/) are available only as Tape and Reel in the quantity indicated after the slash (e.g. /2K5 indicates 2500 devices per reel). Ordering 2500
pieces of the OPA2607U/2K5 will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
1
2
3
4
8
7
6
5
+V
S
Out B
–In B
+In B
SO-8, PSO-8
Out A
–In A
+In A
–V
S
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–In A
+In A
A0
–V
S
A1
+In B
–In B
Out A
NC
DIG_REF
+V
S
IADJ
NC
Out B
NC = No Connection
PSO-14
Power
Control


Similar Part No. - OPA2607U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2607 TI1-OPA2607 Datasheet
915Kb / 28P
[Old version datasheet]   OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA2607 TI-OPA2607 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA2607 TI-OPA2607 Datasheet
1Mb / 31P
[Old version datasheet]   OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA2607 TI-OPA2607 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA2607 TI-OPA2607 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results

Similar Description - OPA2607U

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP-260 AD-OP-260 Datasheet
763Kb / 6P
   DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
5/90,Rev.C1
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com