Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1PDB5018 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # S1PDB5018
Description  Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S1PDB5018 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  S1PDB5018 Datasheet HTML 1Page - Sirectifier Semiconductors S1PDB5018 Datasheet HTML 2Page - Sirectifier Semiconductors S1PDB5018 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Single Phase Bridge Rectifiers
Symbol
Test Conditions
Characteristic Values
Unit
VR=VRRM; TVJ=25
oC
VR=VRRM; TVJ=TVJM
< 10
< 1500
uA
VF
IF=25A; TVJ=25
oC
< 1.1
V
IR
VTO
For power-loss calculations only
0.8
V
rT
TVJ=TVJM
3.867
m
per diode
per module
RthJC
1.2
0.30
K/W
per diode
per module
RthJK
1.4
0.35
K/W
dS
Creeping distance on surface
10
mm
dA
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
_
_
_
FEATURES
* Rating to 1600V PRV
* High efficiency
* Glass passivated chip junction
* Electrically isolated metal case
for maximum heat dissipation
APPLICATIONS
* Supplies for DC power equipment
* Input rectifiers for PWM inverter
* Battery DCpower supplies
* Field supply for DC motors
ADVANTAGES
* Easy to mount one screw
* Space and weight savings
* Improved temperature and power cycling
S1PDB50005 thru S1PDB5018
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S1PDB5018

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PDB50N06 SIRECTIFIER-S1PDB50N06 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50N08 SIRECTIFIER-S1PDB50N08 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50N12 SIRECTIFIER-S1PDB50N12 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50N14 SIRECTIFIER-S1PDB50N14 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50N16 SIRECTIFIER-S1PDB50N16 Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
More results

Similar Description - S1PDB5018

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
   Single Phase Bridge Rectifiers
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
   Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com