Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA820IDBVT Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA820IDBVT
Description  Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA820IDBVT Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA820IDBVT Datasheet HTML 7Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 8Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 9Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 10Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 11Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 12Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 13Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 14Page - Burr-Brown (TI) OPA820IDBVT Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
OPA820
SBOS303A − JUNE 2004 − REVISED JULY 2004
www.ti.com
11
TYPICAL CHARACTERISTICS: VS = +5V (continued)
RF = 402Ω, RL = 100Ω, and G = +2, unless otherwise noted.
−75
−80
−85
−90
−95
−100
−105
HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
100
1k
2nd−Harmonic
3rd−Harmonic
f=1MHz
V
O =2VPP
G= +2V/V
See Figure 3
−70
−80
−90
−100
−110
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
V
O =2VPP
f=1MHz
G= +2V/V
R
L = 200Ω
See Figure 3
−70
−75
−80
−85
−90
−95
−100
HARMONIC DISTORTION vs INVERTING GAIN
Gain (
| V/V| )
110
2nd−Harmonic
3rd−Harmonic
f=1MHz
R
L = 200Ω
V
O =2VPP
SeeFigure4
−60
−70
−80
−90
−100
−110
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
G= +2V/V
R
L =200Ω
V
O =2VPP
See Figure 3
−60
−70
−80
−90
−100
−110
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
110
2nd−Harmonic
3rd−Harmonic
SeeFigure3
f=1MHz
R
L = 200Ω
V
O =2VPP
40
35
30
25
20
15
TWO−TONE, 3RD−ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
0
5
10
15
20
25
30
402
OPA820
P
I
+5V
P
O
57.6
200
806
806
402
0.01
µF
0.01
µF


Similar Part No. - OPA820IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA820IDBVT TI1-OPA820IDBVT Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820IDBVTG4 TI1-OPA820IDBVTG4 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA820IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com