Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C052H471J2G5GA Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C052H471J2G5GA
Description  Ceramic, 200C, MoldedHighTemp, 470 pF, 5%, 200 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade, Lead Spacing = 5.08mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo KEMET - Kemet Corporation

C052H471J2G5GA Datasheet(HTML) 1 Page - Kemet Corporation

  C052H471J2G5GA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 334e24d7-c368-4a44-8f8a-b81632abf1cd
KEMET Part Number: C052H471J2G5GA
Ceramic, 200C, MoldedHighTemp, 470 pF, 5%, 200 V, C0G, High Temp, 200C, Radial Molded, Gold Termination, Industrial Grade,
Lead Spacing = 5.08mm
H
LL
S
F
G
S e a ting
P la ne
L
T
K
Dimensions
L
4.83mm +/-0.25mm
H
5.97mm +/-0.25mm
T
2.29mm +/-0.25mm
S
5.08mm +/-0.38mm
LL
31.75mm MIN
F
0.635mm +0.102/-0.051mm
G
1.14mm MAX
K
4.83mm +/-0.25mm
Packaging Specifications
Weight: 493 mg
Packaging: Bulk, Bag
Packaging Quantity: 100
General Information
Style: Radial
Series: MoldedHighTemp
Description:
High Temp, 200C, Radial
Molded, Gold Termination,
Industrial Grade
Features: Commercial
RoHS: With Exemptions
Termination: Gold
Halogen Free: Yes
Specifications
Capacitance: 470 pF
Capacitance Tolerance: 5%
Voltage DC: 200 VDC
Dielectric Withstanding
Voltage: 250 V
Temperature Range: -55/+200C
Temperature Coefficient: C0G
Dissipation Factor: 2.5%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn