Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB125N02R Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTB125N02R
Description  Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB125N02R Datasheet(HTML) 2 Page - ON Semiconductor

  NTB125N02R Datasheet HTML 1Page - ON Semiconductor NTB125N02R Datasheet HTML 2Page - ON Semiconductor NTB125N02R Datasheet HTML 3Page - ON Semiconductor NTB125N02R Datasheet HTML 4Page - ON Semiconductor NTB125N02R Datasheet HTML 5Page - ON Semiconductor NTB125N02R Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTB125N02R, NTP125N02R
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C Unless otherwise specified)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
25
28
15
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.5
10
mAdc
Gate−Body Leakage Current
(VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.5
5.0
2.0
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 10 Vdc, ID = 110 Adc)
(VGS = 4.5 Vdc, ID = 55 Adc)
(VGS = 10 Vdc, ID = 20 Adc)
(VGS = 4.5 Vdc, ID = 20 Adc)
RDS(on)
3.7
4.9
3.7
4.7
4.6
6.2
m
W
Forward Transconductance (Note 3)
(VDS = 10 Vdc, ID = 15 Adc)
gFS
44
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
2710
3440
pF
Output Capacitance
(VDS = 20 Vdc, VGS = 0 V, f = 1 MHz)
Coss
1105
1670
Transfer Capacitance
( DS
dc,
GS
,)
Crss
227
640
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(on)
11
22
ns
Rise Time
(VGS = 10 Vdc, VDD = 10 Vdc,
tr
39
80
Turn−Off Delay Time
(VGS = 10 Vdc, VDD = 10 Vdc,
ID = 40 Adc, RG = 3 W)
td(off)
27
40
Fall Time
tf
21
40
Gate Charge
QT
23.6
28
nC
(VGS = 4.5 Vdc, ID = 40 Adc,
VDS = 10 Vdc) (Note 3)
Q1
5.1
VDS = 10 Vdc) (Note 3)
Q2
11
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc) (Note 3)
VSD
0.82
1.2
Vdc
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc) (Note 3)
(IS = 55 Adc, VGS = 0 Vdc)
(I
20 A
V
0V
T
125
°C)
VSD
0.82
0.99
065
1.2
Vdc
( S
dc,
GS
dc)
(IS = 20 Adc, VGS = 0 Vdc, TJ = 125°C)
0.65
Reverse Recovery Time
trr
36.5
ns
(IS = 30 Adc, VGS = 0 Vdc,
ta
17.7
(IS = 30 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 3)
tb
18.8
Reverse Recovery Stored Charge
QRR
0.024
mC
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTB125N02R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB125N02R ONSEMI-NTB125N02R Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTB125N02RG ONSEMI-NTB125N02RG Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTB125N02RT4 ONSEMI-NTB125N02RT4 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTB125N02RT4G ONSEMI-NTB125N02RT4G Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
More results

Similar Description - NTB125N02R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB65N02R ONSEMI-NTB65N02R_05 Datasheet
76Kb / 8P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
May, 2005 ??Rev. 6
NTP65N02R ONSEMI-NTP65N02R Datasheet
47Kb / 4P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
   60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD_08 Datasheet
403Kb / 16P
   N-channel 500 V, 0.22 廓, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
   N-channel 600 V - 0.85 廓 - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
   N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
   N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com