Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3018 Datasheet(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SK3018
Description  N- CHANNEL MOSFET in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SK3018 Datasheet(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SK3018 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SK3018 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SK3018 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SK3018 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SK3018 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SK3018 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3018
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions


Similar Part No. - 2SK3018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
logo
Shenzhen Tuofeng Semico...
2SK3018 TUOFENG-2SK3018 Datasheet
2Mb / 4P
   N-Channel 30-V(D-S) MOSFET
Mar,2018 V1.0
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
logo
Shenzhen Luguang Electr...
2SK3018 LUGUANG-2SK3018 Datasheet
1Mb / 5P
   SOT-323 Plastic-Encapsulate N-channel MOSFETS
Revision:20220701-P1
logo
Guangdong Kexin Industr...
2SK3018 KEXIN-2SK3018 Datasheet
81Kb / 2P
   N-Channel MOSFET
More results

Similar Description - 2SK3018

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
2N7002K1 FOSHAN-2N7002K1 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2306 FOSHAN-SI2306 Datasheet
473Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3420 FOSHAN-AO3420 Datasheet
701Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM4N10 FOSHAN-BRM4N10 Datasheet
1Mb / 7P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
AO3400 FOSHAN-AO3400 Datasheet
776Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM05N50 FOSHAN-BRM05N50 Datasheet
1Mb / 7P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
2N7002 FOSHAN-2N7002 Datasheet
901Kb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
AO3402 FOSHAN-AO3402 Datasheet
895Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com