Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1547 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1547
Description  Integrated Circuit Video Chroma Deflection System for Color TV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1547 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1547 Datasheet HTML 1Page - NTE Electronics NTE1547 Datasheet HTML 2Page - NTE Electronics NTE1547 Datasheet HTML 3Page - NTE Electronics NTE1547 Datasheet HTML 4Page - NTE Electronics NTE1547 Datasheet HTML 5Page - NTE Electronics NTE1547 Datasheet HTML 6Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics: (V3 = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Video Section
12v Supply Current
ICC3
Measure Pin3 Currnt
60
82
100
mA
Video Gain
v22/v6
V6 = 4.25V, v6 = 4MHz, 1VP–P,
V5 = 10V, VB = 8V
2.0
3.5
5.0
dB
Contrast Gain Control Range
∆GV
V6 = 4.25V, v6 = 500kHz, 1VP–P,
V5 = 5 to 10V
11.2
12.3
13.4
dB
Video Frequency
Characteristics
∆GVf
V6 = 4.25V, V5 = 10V, VB = 8V,
v6 = 4MHz, 0.5MHz, 1VP–P,
20log (22 (4MHz)/22 (0.5MHz))
–3.5
–1.5
0.5
dB
DC Restoration Ratio
K
V41 = 4.1V, Change APL 10% to 90%,
measure pedestal level change of Pin22
63
70
77
%
Max. Video Output
Pin5 OPEN, Change V40 DC Voltage,
Measure 90% of Voltage Change at Pin22
5.0
7.5
VP–P
Video DC Output Temperature
Coefficient
V6 = 3.25V, V41 = 4.1V, TA = –20° to +65°C
–2.5
0
+2.5
mV/
°C
Inv. Amp Gain
v7/v6
V6 = 4.25V, v6 = 4MHz, 1VP–P, v5 = 10V,
VB = 8V
2.2
3.5
4.6
dB
Inv. Amp Differential Gain
DGR
V6 = 3.3 to 5.2V, v6 = 3.58MHz, 100mVP–P
2.5
10.0
%
Inv. Amp Frequency
Characteristics
∆GRf
V6 = 4.25V, V5 = 10V, VB = 8V,
v6 = 4MHz, 500kHz, 1VP–P,
20log (v7 (4MHz)/v7 (0.5MHz))
–3.5
–0.1
0.5
dB
Inv. Amp 3.58MHz Linearity
L7
V6 = 4V, v6 = 3.58MHz
1.6
VP–P
Chroma (1) (Gate Pulse and Blanking Pulse is applied)
Max. Chroma Output
eCH
V1 = 12V, V5 = 10V, V8: OPEN,
0.5
0.75
1.05
VP–P
Burst Output
eB
v9: 120mVP–P(B:C = 1:1), VG = 8V,
VB = 15V, Measure Pin12
0.45
0.70
0.95
VP–P
ACC Characteristics (1)
ea
V1 = 12V, V5 = 10V, V8: OPEN,
v9 = 1.5mVP–P(B:C = 1:1),
measure Chroma Amplitude Pin12
0.16
0.34
VP–P
ACC Characteristics (2)
A
v9 = 100mVP–P, 300mVP–P(B:C = 1:1),
Chroma Amplitude Ratio at Pin12
A = v12(v9 = 300mVP–P)/v12(v9 = 100mVP–P)
1.0
1.3
Color Control Residual Signal
eCS
V1 = 0V, V5 = 10V, V8: OPEN,
S1: 1, S2: 1, VG = 5V, VB = 15V,
v9 = 120mVP–P(B:C = 1:1)
3
mVP–P
Uni Color Control Gain Range
∆ecu
V1 = 12V, V5 = 5 to 10V, V8: OPEN,
S1: 1, S2: 1, VG = 8V, VB = 15V,
v9 = 120mVP–P(B:C = 1:1)
7.5
8.5
9.5
dB
Uni Color Control Phase
Range
∆fcu
Ssame as above. Burst Chroma Phase
Change at Pin12
4
10
deg.
HUE Phase Control Range (1)
∆fbH1
V1 = 12V, V5 = 10V, V8 = 0 to 12V,
v9 = 120mVP–P, VG = 8V, VB = 15V,
Burst Chroma Phase Change at Pin12,
S1: 1, S2: 1
75
105
deg
HUE Phase Control Range (2)
∆fbH2
Same as above. Phase cahnge from V8
OPEN
37
51
62
deg


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn