Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1547 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1547
Description  Integrated Circuit Video Chroma Deflection System for Color TV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1547 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1547 Datasheet HTML 1Page - NTE Electronics NTE1547 Datasheet HTML 2Page - NTE Electronics NTE1547 Datasheet HTML 3Page - NTE Electronics NTE1547 Datasheet HTML 4Page - NTE Electronics NTE1547 Datasheet HTML 5Page - NTE Electronics NTE1547 Datasheet HTML 6Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NTE1547
Integrated Circuit
Video Chroma Deflection System
for Color TV
Description:
The NTE1547 combines the video–chroma subsystem and the deflection combination on a single
monolithic integrated integrated circuit to provide a color television video–chroma–deflection system.
This device includes a video amplifier, color demodulator that is designed to provide color differential
output, and improved sync–separator, horizontal oscillator with saw tooth wave type AFC, horizontal
pre–driver in a 42–Lead DIP type plastic package.
Features:
Video–Chroma Section
D Minimum number of external parts required
D Stabilized with respect to variation of temperature and supply voltage
D A few initial adjustments required
Deflection System
D Excellent temperature stability of horizontal oscillator
D Exact 50% duty cycle output due to the 2–fH oscillator and flip–flop circuit
D Excellent inter–race
D Stable sync separator with V/H input terminals.
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, V3max
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, I33max
40mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Level, eIN
5VP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Demodulator Min Load Resistance, RLD
1.8k
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Horizontal Drive Peak Current, –I24
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Horizontal Drive Operating Current, –I24
15mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Vertical Ouptut Current, I26max
–5mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Sync Separator Input Level, V38max/V39max
3VP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin7 Max Operating Current, I7
5mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin2 Max Operating Current, I2
4mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
2.2W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
17.6mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +65°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn