Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400LLE4R7MEFC10X12.5 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 400LLE4R7MEFC10X12.5
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400LLE4R7MEFC10X12.5 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  400LLE4R7MEFC10X12.5 Datasheet HTML 1Page - RUBYCON CORPORATION 400LLE4R7MEFC10X12.5 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
LLE
SERIES
LLE
Load Life:105℃ 12000∼20000 hours
For LED Lighting.
RoHS
compliance
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
160∼400Vdc
−25∼+105℃
450Vdc
±20%
(20℃,
120Hz)
Rated Voltage
(Vdc)
tanδ
0.24
160
0.24
200
0.24
250
0.24
450
0.24
400
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
160 200 250
333
Z
(−40℃)
/Z
(20℃) 888
400
6
10
450
6
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initial value.
Not more than 300% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for specified time at 105℃,
the capacitors shall meet the following requirements.
(20℃,
120Hz)
(120Hz)
Frequency
(Hz)
160∼400Vdc
Coefficient
1k
120
10k 100k≦
1.0
1.6
1.8
1.0
1∼5.6μF
6.8∼18μF
1.5
1.7
1.0
22∼33μF
1.4
1.6
2.0
1.9
1.8
Frequency
(Hz)
450Vdc
Coefficient
1k
120
10k 100k≦
0.3
0.6
0.9
0.4
4.7∼15μF
22∼68μF
0.7
0.9
1.0
1.0
◆OPTION
Code
EFC
PET Sleeve
◆PART NUMBER
□□□
Rated Voltage
LLE
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
CV≦1000
CV>1000
I=0.1CV+40μA (1minute)
I=0.03CV+15μA (5minutes)
I=0.04CV+100μA (1minute)
I=0.02CV+25μA (5minutes)
I=Leakage Current(μA)
C=Capacitance(μF)
  
V=Rated Voltage(Vdc)
  
Case Size
Life Time
(hrs)
6.3×11, 8×9, 10×9
8×11.5, 10×12.5
10×16, 10×20
φD≧12.5
12000
15000
20000


Similar Part No. - 400LLE4R7MEFC10X12.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400LLE1MEFC6.3X11 RUBYCON-400LLE1MEFC6.3X11 Datasheet
175Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400LLE1R5MEFC8X9 RUBYCON-400LLE1R5MEFC8X9 Datasheet
121Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400LLE2.7MEFC8X11R5 RUBYCON-400LLE2.7MEFC8X11R5 Datasheet
175Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400LLE3R3MEFC8X11.5 RUBYCON-400LLE3R3MEFC8X11.5 Datasheet
175Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400LLE6R8MEFC10X16 RUBYCON-400LLE6R8MEFC10X16 Datasheet
121Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400LLE4R7MEFC10X12.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com