Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3279 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3279
Description  2SK3279
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3279 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3279 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3279 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3279 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3279 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3279
No.7762-2/4
PW=10µs
D.C.
≦1%
10V
0V
VIN
VIN
P.G
50Ω
G
S
ID=10A
RL=1.5Ω
VDD=15V
VOUT
D
2SK3279
前ページより続く。
項目
記号
条件
定格値
unit
min
typ
max
総ゲート電荷量
Qg
VDS=10V, VGS=10V, ID=15A
14
nC
ゲート・ソース電荷量
Qgs
VDS=10V, VGS=10V, ID=15A
2.5
nC
ゲート・ドレイン電荷量
Qgd
VDS=10V, VGS=10V, ID=15A
1.3
nC
ダイオード順電圧
VSD
IS=15A, VGS=0
0.93
1.2
V
外形図
外形図
unit : mm
unit : mm
2083B
2092B
スイッチングタイム測定回路図
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP
5.0
6.5
0.85
0.7
0.6
0.5
1.2
2.3
0.5
1
23
4
2.3
2.3
6.5
2.3
0.5
5.0
0.85
0.5
1.2
0
∼0.2
2.3
2.3
0.6
12
4
3
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP-FA


Similar Part No. - 2SK3279

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3270-01 FUJI-2SK3270-01 Datasheet
235Kb / 2P
   N-channel MOS-FET
logo
Inchange Semiconductor ...
2SK3270-01 ISC-2SK3270-01 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3271 ISC-2SK3271 Datasheet
379Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK3271-01 FUJI-2SK3271-01 Datasheet
256Kb / 2P
   N-channel MOS-FET
logo
Inchange Semiconductor ...
2SK3271-01 ISC-2SK3271-01 Datasheet
416Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com