Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS3699 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS3699
Description  Dual DPDT Ultra-Low RON Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3699 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS3699 Datasheet HTML 1Page - ON Semiconductor NLAS3699 Datasheet HTML 2Page - ON Semiconductor NLAS3699 Datasheet HTML 3Page - ON Semiconductor NLAS3699 Datasheet HTML 4Page - ON Semiconductor NLAS3699 Datasheet HTML 5Page - ON Semiconductor NLAS3699 Datasheet HTML 6Page - ON Semiconductor NLAS3699 Datasheet HTML 7Page - ON Semiconductor NLAS3699 Datasheet HTML 8Page - ON Semiconductor NLAS3699 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
October, 2004 − Rev. 0
1
Publication Order Number:
NLAS3699/D
NLAS3699
Dual DPDT Ultra−Low RON
Switch
The NLAS3699 is a dual independent ultra−low RON DPDT analog
switch. This device is designed for low operating voltage, high current
switching of speaker output for cell phone applications. It can switch a
balanced stereo output. The NLAS3699 can handle a balanced
microphone/speaker/ring−tone generator in a monophone mode. The
device contains a break−make feature.
Features
Single Supply Operation
1.65 to 4.7 V VCC
Function Directly from LiON Battery
Maximum Breakdown Voltage: 5.0 V
Tiny 3 x 3 mm QFN Pb−Free Package
Meet JEDEC MO−220 Specifications
Low Static Power
Typical Applications
Cell Phone Speaker/Microphone Switching
Ringtone−Chip/Amplifier Switching
Four Unbalanced (Single−Ended) Switches
Stereo Balanced (Push−Pull) Switching
Important Information
ESD Protection:
HBM (Human Body Model) > 4000 V
MM (Machine Model) > 400 V
Continuous Current Rating Through each Switch ±300 mA
Conforms to: JEDEC MO−220, Issue H, Variation VEED−6
Pin for Pin Compatible with STG3699
QFN−16
CASE 485AE
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
1
16
NLAS
3699
ALYW
G
1
XXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
http://onsemi.com
4
1
16
13
9
12
58
14
7
15
6
310
211
D1
1S1 Vcc 4S2
2S2 GND 3S1
D3
3S2
3−4IN
4S1
D4
D2
2S1
1−2IN
1S2


Similar Part No. - NLAS3699

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3699 ONSEMI-NLAS3699 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3699B ONSEMI-NLAS3699B Datasheet
97Kb / 10P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3699BMN1R2G ONSEMI-NLAS3699BMN1R2G Datasheet
97Kb / 10P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3699MN1R2G ONSEMI-NLAS3699MN1R2G Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
More results

Similar Description - NLAS3699

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3799B ONSEMI-NLAS3799B_08 Datasheet
177Kb / 12P
   Dual DPDT Ultra-Low RON Switch
July, 2008 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A Datasheet
341Kb / 11P
   Dual DPDT Ultra-Low RON Analog Switch
logo
ON Semiconductor
NLAS3699B ONSEMI-NLAS3699B Datasheet
97Kb / 10P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799_06 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
January, 2006 ??Rev. 1
NLAS3799B ONSEMI-NLAS3799B Datasheet
99Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
October, 2005 ??Rev. 0
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899B ONSEMI-NLAS3899B Datasheet
139Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
July, 2008 ??Rev. 0
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com