Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9627A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9627A
Description  High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9627A Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9627A_14 Datasheet HTML 2Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 3Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 4Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 5Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 6Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 7Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 8Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 9Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9627A
6
DS9627A-02 August 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
VCC
PWM1
BOOT1
UGATE1
PHASE1
LGATE1
RT9627A
1µF
QUG1
VCC
1µF
PWM1
1µH
2.2µH
VCORE
QLG1
EN
C1
C2
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
R1
R2
R3
R4
L1
L2
VIN
VBAT
3.3nF
C3
2.2
R5
Enable
PWM2
GND
BOOT2
UGATE2
PHASE2
LGATE2
1µF
QUG2
PWM2
1µH
QLG2
C15
R5
R6
R7
L3
3.3nF
C16
2.2
R8
VIN
10
5
3
4
13 (Exposed Pad)
9
8
6
7
11
12
1
2
Timing Diagram
PWM
LGATE
UGATE
tPDLL
90%
1.5V
1.5V
tPDHU
tPDLU
tPDHL
90%
1.5V
1.5V


Similar Part No. - RT9627A_14

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A Datasheet
197Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver for Notebook Computer
More results

Similar Description - RT9627A_14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com