Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9627A Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9627A
Description  High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9627A Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9627A_14 Datasheet HTML 1Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 2Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 3Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 4Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 5Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 6Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 7Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 8Page - Richtek Technology Corporation RT9627A_14 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9627A
5
DS9627A-02 August 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PWMx Input
VPWM = 5V
--
174
--
Input Current
IPWM
VPWM = 0V
--
174
--
A
PWMx Tri-State Rising Threshold
VPWMH
3.5
3.8
4.1
V
PWMx Tri-State Falling Threshold
VPWML
0.7
1
1.3
V
Tri-State Shutdown Hold-off Time
tSHD_Tri
100
175
250
ns
EN Input
Logic-High
VENH
2
--
--
EN Input Voltage
Logic-Low
VENL
--
--
0.5
V
Switching Time
UGATEx Rise Time
tUGATEr
3nF load
--
8
--
ns
UGATEx Fall Time
tUGATEf
3nF load
--
8
--
ns
LGATEx Rise Time
tLGATEr
3nF load
--
8
--
ns
LGATEx Fall Time
tLGATEf
3nF load
--
4
--
ns
UGATEx Turn-Off Propagation
Delay
tPDLU
Outputs Unloaded
--
35
--
ns
LGATEx Turn-Off Propagation
Delay
tPDLL
Outputs Unloaded
--
35
--
ns
UGATEx Turn-On Propagation
Delay
tPDHU
Outputs Unloaded
--
20
--
ns
LGATEx Turn-On Propagation
Delay
tPDHL
Outputs Unloaded
--
20
--
ns
UGATEx/LGATEx Tri-State
Propagation Delay
tPTS
Outputs Unloaded
--
35
--
ns
Output
UGATEx Driver Source Resistance RUGATEsr
100mA Source Current
--
1
--
UGATEx Driver Source Current
IUGATEsr
VUGATE VPHASE = 2.5V
--
2
--
A
UGATEx Driver Sink Resistance
RUGATEsk
100mA Sink Current
--
1
--
UGATEx Driver Sink Current
IUGATEsk
VUGATE VPHASE = 2.5V
--
2
--
A
LGATEx Driver Source Resistance RLGATEsr
100mA Source Current
--
1
--
LGATEx Driver Source Current
ILGATEsr
VLGATE = 2.5V
--
2
--
A
LGATEx Driver Sink Resistance
RLGATEsk
100mA Sink Current
--
0.5
--
LGATEx Driver Sink Current
ILGATEsk
VLGATE = 2.5V
--
4
--
A
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution recommended. The human body mode is a 100pF capacitor is
charged through a 1.5k
Ω resistor into each pin.
Note 4. The device is not guaranteed to function outside its operating conditions.


Similar Part No. - RT9627A_14

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A Datasheet
197Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver for Notebook Computer
More results

Similar Description - RT9627A_14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com